Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAALSS0048PCS Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAALSS0048PCS
Description  Low Noise Amplifier 1400 - 2000 MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAALSS0048PCS Datasheet(HTML) 2 Page - Tyco Electronics

  MAALSS0048PCS Datasheet HTML 1Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 2Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 3Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 4Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 5Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 6Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 7Page - Tyco Electronics MAALSS0048PCS Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Low Noise Amplifier
1400 - 2000 MHz
MAALSS0048
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Parameter
Test
Conditions
Units
1500 MHz
1900 MHz
Min.
Typ.
Max.
Min.
Typ.
Max.
Gain
VDD = 3 Volts
dB
15
18
20
15
17.5
20
Noise Figure
VDD = 3 Volts
dB
1.60
2.00
1.65
2.00
Input VSWR
Ratio
2.2:1
1.5:1
Output VSWR
Ratio
1.5:1
1.5:1
Output 1 dB Compression
VDD = 3 Volts
dBm
1
0
Input IP3
dBm
-5.0
-6.0
Reverse Isolation
dB
35
35
Drain Current
VDD = 3 Volts
mA
4.5
6.5
10
4.5
6.5
10
VDD = 3 Volts
Electrical Specifications2: TA = +25°C, Z0 = 50 Ω, Pin = -30 dBm
2. Using external 15 Ohm resistor. See Functional Schematics.
Absolute Maximum Ratings 3,4
Parameter
Absolute Maximum
VDD
+10 VDC
Input Power
+17 dBm
Current
5
30 mA
Channel Temperature
6
+150°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
3. Exceeding any one or combination of these limits may cause
permanent damage to this device.
4. M/A-COM does not recommend sustained operation near
these survivability limits.
5. When pin #5 is used to increase current (see note 8).
6. Thermal resistance (
θjc) = +150°C/W
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Lead-Free
SOT-26
Reference Application Note M538 for lead-free solder reflow
recommendations.
Meets JEDEC moisture sensitivity level 1 requirements.


Similar Part No. - MAALSS0048PCS

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAALSS0048PCS MA-COM-MAALSS0048PCS Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
MAALSS0048PCS MA-COM-MAALSS0048PCS Datasheet
926Kb / 9P
   Low Noise Amplifier
More results

Similar Description - MAALSS0048PCS

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM50-0006 MACOM-AM50-0006 Datasheet
358Kb / 7P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MACOM-AM50-0006_1 Datasheet
297Kb / 8P
   Low Noise Amplifier 1400-2000 MHz
logo
M/A-COM Technology Solu...
MAALSS0048 MA-COM-MAALSS0048 Datasheet
262Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
AM50-0006 MA-COM-AM50-0006 Datasheet
221Kb / 8P
   Low Noise Amplifier 1400 - 2000 MHz
logo
Tyco Electronics
AM50-0004 MACOM-AM50-0004 Datasheet
334Kb / 4P
   High Dynamic Range Low Noise Amplifier 1400-2000 MHz
MAAMSS0045 MACOM-MAAMSS0045 Datasheet
262Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
M/A-COM Technology Solu...
AM50-0004 MA-COM-AM50-0004 Datasheet
147Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
MAAMSS0045 MA-COM-MAAMSS0045 Datasheet
218Kb / 6P
   High Dynamic Range Low Noise Amplifier 1400 - 2000 MHz
logo
Mini-Circuits
ZRL-1150LN MINI-ZRL-1150LN Datasheet
184Kb / 1P
   Low Noise Amplifier 50??500 to 1400 MHz
ZRL-2300 MINI-ZRL-2300 Datasheet
183Kb / 1P
   Low Noise Amplifier 50??1400 to 2300 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com