Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBSS4160DPN Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PBSS4160DPN
Description  60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PBSS4160DPN Datasheet(HTML) 3 Page - NXP Semiconductors

  PBSS4160DPN Datasheet HTML 1Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 2Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 3Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 4Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 5Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 6Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 7Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 8Page - NXP Semiconductors PBSS4160DPN Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
9397 750 12701
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Objective data sheet
Rev. 01 — 3 June 2004
3 of 14
Philips Semiconductors
PBSS4160DPN
60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
5.
Limiting values
[1]
Device mounted on a ceramic circuit board, Al2O3, standard footprint.
[2]
Device mounted on a FR4 printed-circuit board, single-sided copper, tin-plated, standard footprint.
[3]
Device mounted on a FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for
collector 1 cm2.
6.
Thermal characteristics
[1]
Device mounted on a FR4 printed-circuit board, single-sided copper, tin-plated, mounting pad for
collector 1 cm2.
[2]
Device mounted on a ceramic circuit board, Al2O3, standard footprint.
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per transistor unless otherwise specified; for the PNP transistor with negative polarity
VCBO
collector-base voltage
open emitter
-
80
V
VCEO
collector-emitter voltage
open base
-
60
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current (DC)
-
1
A
ICM
peak collector current
t = 1 ms or
limited by
Tj(max)
-2
A
ICRP
repetitive peak collector
current
NPN
[1]
-2
A
PNP
[1]
-
1.5
A
IB
base current (DC)
-
300
mA
IBM
peak base current
tp ≤ 300 µs;
δ≤ 0.02
-1
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[2]
-
310
mW
[3]
-
370
mW
[1]
-
1.1
W
Tj
junction temperature
-
150
°C
Tamb
operating ambient
temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
[3]
-
600
mW
Table 6:
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Per transistor
Rth(j-a)
thermal resistance from junction
to ambient
in free air
[1]
340
K/W
[2]
110
K/W


Similar Part No. - PBSS4160DPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4160DPN PHILIPS-PBSS4160DPN_15 Datasheet
267Kb / 18P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
More results

Similar Description - PBSS4160DPN

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PBSS4160DPN NEXPERIA-PBSS4160DPN Datasheet
380Kb / 19P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03 - 11 December 2009
logo
NXP Semiconductors
PBSS4160PANP NXP-PBSS4160PANP Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS4160PANP NEXPERIA-PBSS4160PANP Datasheet
337Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
20 December 2017
logo
NXP Semiconductors
PBSS4160DPN PHILIPS-PBSS4160DPN_15 Datasheet
267Kb / 18P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
Rev. 03-11 December 2009
PBSS4160PANP PHILIPS-PBSS4160PANP_15 Datasheet
368Kb / 21P
   60 V, 1 A NPN/PNP low VCEsat (BISS) transistor
14 January 2013
logo
Nexperia B.V. All right...
PBSS5160QA NEXPERIA-PBSS5160QA Datasheet
743Kb / 17P
   60 V, 1 A PNP low VCEsat (BISS) transistor
23 August 2013
PBSS5160T NEXPERIA-PBSS5160T Datasheet
696Kb / 11P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 15 January 2010
logo
NXP Semiconductors
PBSS5160K NXP-PBSS5160K Datasheet
124Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 03-6 October 2008
PBSS5160K PHILIPS-PBSS5160K Datasheet
125Kb / 14P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 02-30 June 2005
logo
Nexperia B.V. All right...
PBSS5160U NEXPERIA-PBSS5160U Datasheet
247Kb / 15P
   60 V, 1 A PNP low VCEsat (BISS) transistor
Rev. 04 - 2 October 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com