Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSDL-44XX Datasheet(PDF) 8 Page - Agilent(Hewlett-Packard)

Part # HSDL-44XX
Description  High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-44XX Datasheet(HTML) 8 Page - Agilent(Hewlett-Packard)

Back Button HSDL-44XX Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-44XX Datasheet HTML 12Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
(K) 12 mm Tape and Reel, “Yoke” Lead, Option 021
“YOKE” LEAD
SUBMINIATURE PACKAGE


Similar Part No. - HSDL-44XX

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4400 LITEON-HSDL-4400 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
HSDL-4420 LITEON-HSDL-4420 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
HSDL-4420-011 LITEON-HSDL-4420-011 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
More results

Similar Description - HSDL-44XX

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
HSDL-4420-011 LITEON-HSDL-4420-011 Datasheet
520Kb / 19P
   High-Performance IR Emitter and IR PIN Photodiode in Subminiature SMT Package
logo
Siemens Semiconductor G...
SFH420 SIEMENS-SFH420 Datasheet
48Kb / 5P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
SFH421 SIEMENS-SFH421 Datasheet
53Kb / 5P
   GaAlAs-IR-Lumineszenzdiode in SMT-Gehause GaAlAs Infrared Emitter in SMT Package
logo
OSRAM GmbH
SFH4211 OSRAM-SFH4211 Datasheet
62Kb / 7P
   GaAs-IR-Lumineszenzdiode in SMT-Gehause GaAs Infrared Emitter in SMT Package
logo
Lite-On Technology Corp...
LRE-S9711-J LITEON-LRE-S9711-J Datasheet
480Kb / 8P
   IR Emitter and Detector
LTE-C216-P-W LITEON-LTE-C216-P-W Datasheet
614Kb / 8P
   IR Emitter and Detector
LTE-S9511T-E LITEON-LTE-S9511T-E Datasheet
519Kb / 7P
   IR Emitter and Detector
LTE-C9511-E LITEON-LTE-C9511-E Datasheet
517Kb / 7P
   IR Emitter and Detector
LTE-R38381-STR LITEON-LTE-R38381-STR Datasheet
573Kb / 8P
   IR Emitter and Detector
LTE-R38386L-S LITEON-LTE-R38386L-S Datasheet
576Kb / 8P
   IR Emitter and Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com