Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9204CS Datasheet(PDF) 8 Page - Richtek Technology Corporation

Part # RT9204CS
Description  Dual Regulator - Standard Buck PWM DC-DC and Linear Power Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9204CS Datasheet(HTML) 8 Page - Richtek Technology Corporation

Back Button RT9204CS Datasheet HTML 4Page - Richtek Technology Corporation RT9204CS Datasheet HTML 5Page - Richtek Technology Corporation RT9204CS Datasheet HTML 6Page - Richtek Technology Corporation RT9204CS Datasheet HTML 7Page - Richtek Technology Corporation RT9204CS Datasheet HTML 8Page - Richtek Technology Corporation RT9204CS Datasheet HTML 9Page - Richtek Technology Corporation RT9204CS Datasheet HTML 10Page - Richtek Technology Corporation RT9204CS Datasheet HTML 11Page - Richtek Technology Corporation RT9204CS Datasheet HTML 12Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
RT9204
Preliminary
www.richtek-ic.com.tw
DS9204-00 February 2002
8
Functional Description
The RT9204 operates at either single 5V power
supply with a bootstrap UGATE driver or 5V/12V
dual-power supply form the ATX SMPS. The dual-
power supply is recommended for high current
application, the RT9204 can deliver higher gate
driving current while operating with ATX SMPS based
on dual-power supply.
The Bootstrap Operation
In a single power supply system, the UGATE driver of
RT9204 is powered by an external bootstrap circuit,
as the Fig.1. The boot capacitor, CBOOT, generates a
floating reference at the PHASE node. Typically a
0.1
µF CBOOT is enough for most of MOSFETs used
with the RT9204. The voltage drop between BOOT
and PHASE node is refreshed to a voltage of VCC –
diode drop (VD) while the low side MOSFET turning
on.
Fig.1 Single 5V power Supply Operation
Dual Power Operation
The RT9204 was designed to regulate a 6.0V at VCC
pin automatically when BOOT pin is powered by 12V.
In a system with ATX 5V/12V power supply, the
RT9204 is ideal for higher current application due to
the higher gate driving capability, VUGATE = 7V. A RC
(10
Ω/1µF) filter is also recommended at BOOT pin to
prevent the ringing induced from fast power on, as
shown in Fig.2.
Fig.2 Dual Power Supply Operation
Power On Reset
The Power-On Reset (POR) monitors the supply
voltage (normal +5V) at the VCC pin and the input
voltage at the OCSET pin. The VCC POR level is
4.1V with 0.5V hysteresis and the normal level at
OCSET pin is 1.5V (see over-current protection). The
POR function initiates soft-start operation after all
supply voltages exceed their POR thresholds.
Soft Start
A built-in soft-start is used to prevent surge current
from power supply input during power on. The soft-
start voltage is controlled by an internal digital
counter. It clamps the ramping of reference voltage at
the input of error amplifier and the pulse-width of the
output driver slowly. The typical soft-start duration is
2mS.
Under Voltage and Over Voltage Protection
The voltage at FB pin is monitored and protected
against OC (over current), UV (under voltage), and
OV (over voltage). The UV threshold is 0.5V and OV-
threshold is 1.0V. Both UV/OV detection have 30
µS
triggered delay. When OC or UV trigged, a hiccup re-
start sequence will be initialized, as shown in Fig.3.
Only 3 times of trigger are allowed to latch off. Hiccup
is disabled during soft-start interval.
+
BOOT
UGATE
PHASE
RT9204
D1
0.1
µF
5V
R1
C2
1
µF
VCC
+
BOOT
UGATE
6.0V
Regulator
5V
R1
10
C2
1
µF
C1
1
µF
12V
VCC
RT9204


Similar Part No. - RT9204CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204AGS RICHTEK-RT9204AGS Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204APS RICHTEK-RT9204APS Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204GS RICHTEK-RT9204GS Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
RT9204PS RICHTEK-RT9204PS Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
More results

Similar Description - RT9204CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9204 RICHTEK-RT9204_07 Datasheet
186Kb / 14P
   Dual Regulators - Standard Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
   Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Richtek Technology Corp...
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Intersil Corporation
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Renesas Technology Corp
ISL6521 RENESAS-ISL6521 Datasheet
748Kb / 14P
   PWM Buck DC-DC and Triple Linear Power Controller
logo
Richtek Technology Corp...
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com