Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000021-SMB003 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MAAP-000021-SMB003
Description  Amplifier, Power, 2W 5.0-8.5 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000021-SMB003 Datasheet(HTML) 8 Page - Tyco Electronics

  MAAP-000021-SMB003 Datasheet HTML 1Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 2Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 3Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 4Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 5Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 6Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 7Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 8Page - Tyco Electronics MAAP-000021-SMB003 Datasheet HTML 9Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Amplifier, Power, 2W
5.0-8.5 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev A
Preliminary Datasheet
8
MAAP-000021-PKG003
RoHS
Compliant
Figure 28. Recommended Bias Configuration.
Note: The exposed pad centered on the package bottom must be connected to RF
and dc ground for proper electrical and thermal operation.
Figure 27. 5x5 mm 20-Lead MLP.
Refer to M/A-COM Application Note Surface Mounting Instructions for PQFN Packages #S2083* for assembly guidelines.
Additional Precaution: All parts must receive a bake-out of 125ºC for 24 hours prior to any solder reflow operation.
*Application Notes can be found by going to the Site Search Page of M/A-COM’s web page (http://www.macom.com/Application%20Notes/
index.htm) and searching for the required Application Note.


Similar Part No. - MAAP-000021-SMB003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000038-PKG003 MACOM-MAAP-000038-PKG003 Datasheet
234Kb / 5P
   Amplifier, Power, 1.2W 9.0-12.0 GHz
MAAP-000042-PKG003 MACOM-MAAP-000042-PKG003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
MAAP-000042-SMB003 MACOM-MAAP-000042-SMB003 Datasheet
393Kb / 9P
   Amplifier, Power, 1W, X/Ku-Band 12-16 GHz
MAAP-000044-PKG003 MACOM-MAAP-000044-PKG003 Datasheet
377Kb / 9P
   Amplifier, Power, 0.5W 12.7-15.4 GHz
MAAP-000044-SMB003 MACOM-MAAP-000044-SMB003 Datasheet
377Kb / 9P
   Amplifier, Power, 0.5W 12.7-15.4 GHz
More results

Similar Description - MAAP-000021-SMB003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0021 MACOM-MAAPGM0021 Datasheet
234Kb / 5P
   5.0-8.5GHz 2W Power Amplifier
logo
Qorvo, Inc
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAPGM0063-DIE MACOM-MAAPGM0063-DIE Datasheet
368Kb / 5P
   8.5-11.0 GHZ, 5W Power Amplifier
MA08509D MACOM-MA08509D_1 Datasheet
208Kb / 5P
   Amplifier, Power, 10W 8.5-10.5 GHz
MAAP-000068-PKG003 MACOM-MAAP-000068-PKG003 Datasheet
213Kb / 4P
   Amplifier, Power, 1.2W 5.7-8.5 GHz
MAAPGM0073-DIE MACOM-MAAPGM0073-DIE Datasheet
356Kb / 9P
   Amplifier, Power, 1.2W 4.0-8.5 GHz
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Tyco Electronics
MAAPGM0068-DIE MACOM-MAAPGM0068-DIE Datasheet
473Kb / 8P
   Amplifier, Power, 1.2W 5.7-8.5 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
207Kb / 4P
   Amplifier, Power, 2W 7.1-11.7 GHz
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com