Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAAP-000069-PKG003 Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAAP-000069-PKG003
Description  Amplifier, Power, 2W 7.1-11.7 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAAP-000069-PKG003 Datasheet(HTML) 4 Page - Tyco Electronics

  MAAP-000069-PKG003 Datasheet HTML 1Page - Tyco Electronics MAAP-000069-PKG003 Datasheet HTML 2Page - Tyco Electronics MAAP-000069-PKG003 Datasheet HTML 3Page - Tyco Electronics MAAP-000069-PKG003 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Amplifier, Power, 2W
7.1-11.7 GHz
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
Rev —
Advance Information
4
MAAP-000069-PKG003
RoHS
Compliant
Figure 3. Demonstration Board PN MAAP-000069-SMB003 (available upon request).
YYWW
AP069G
XXXX
MACOM


Similar Part No. - MAAP-000069-PKG003

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
MAAP-000069-PKG003 MACOM-MAAP-000069-PKG003_08 Datasheet
287Kb / 9P
   Amplifier, Power, 1.6W,7.7.11.7 GHz
More results

Similar Description - MAAP-000069-PKG003

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGA2760-SM QORVO-TGA2760-SM Datasheet
1Mb / 16P
   10 ??11.7 GHz Power Amplifier
B, May 2020
TGA2752-SM QORVO-TGA2752-SM Datasheet
902Kb / 15P
   7.1 ??8.5 GHz Power Amplifier
TGA2753-SM QORVO-TGA2753-SM Datasheet
908Kb / 15P
   5.9 ??7.1 GHz Power Amplifier
September 2020
logo
TriQuint Semiconductor
TGA2752-SM TRIQUINT-TGA2752-SM_15 Datasheet
1Mb / 17P
   7.1 to 8.5 GHz Power Amplifier
logo
Excelics Semiconductor,...
EIM7179-4 EXCELICS-EIM7179-4 Datasheet
143Kb / 3P
   7.1 - 7.9 GHz Multi-Stage Power Amplifier
EIM7185-4 EXCELICS-EIM7185-4 Datasheet
160Kb / 4P
   7.1 - 8.5 GHz Multi-Stage Power Amplifier
logo
Tyco Electronics
MAAP-000021-PKG003 MACOM-MAAP-000021-PKG003 Datasheet
428Kb / 9P
   Amplifier, Power, 2W 5.0-8.5 GHz
logo
TriQuint Semiconductor
TGA1141 TRIQUINT-TGA1141 Datasheet
518Kb / 6P
   33-36 GHz 2W Power Amplifier
TGA1141 TRIQUINT-TGA1141_15 Datasheet
230Kb / 9P
   33 36 GHz 2W Power Amplifier
TGA1141-EPU TRIQUINT-TGA1141-EPU Datasheet
168Kb / 9P
   33-36 GHz 2W Power Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com