Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S20204101QE Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S20204101QE
Description  Slide Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

S20204101QE Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S20204101QE Datasheet HTML 1Page - List of Unclassifed Manufacturers S20204101QE Datasheet HTML 2Page - List of Unclassifed Manufacturers S20204101QE Datasheet HTML 3Page - List of Unclassifed Manufacturers S20204101QE Datasheet HTML 4Page - List of Unclassifed Manufacturers S20204101QE Datasheet HTML 5Page - List of Unclassifed Manufacturers S20204101QE Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S202031SS03Q
SWITCHES WITH STANDARD OPTIONS
DPDT
S101031SS03Q
SPST
NOTE: For panel mounting information, see page E-33.
NOTE: For panel mounting information, see page E-33.
Specifications
Materials
CONTACT RATING: Q contact material (S1XX, S2XX Models):
6 AMPS @ 125 V AC; 6 AMPS @ 250 V AC; 1 AMP @
125 V DC (UL / CSA). (S5XX, S6XX Models): 12 AMPS @
125 V AC; 6 AMPS @ 250 V AC; 1 AMP @ 125 V DC (UL / CSA).
(S7XX, S8XX Models): 15 AMPS @ 125 V AC; 6AMPS @
250 V AC (UL / CSA). See page E-35 for additional ratings.
ELECTRICAL LIFE: 10,000 make-and-break cycles at full load.
CONTACT RESISTANCE: Below 10 milliohms typ. initial
@ 2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109 ohms min.
DIELECTRIC STRENGTH: 1,000 V RMS min. @ sea level.
HOUSING: 6/6 nylon (UL94V-2), black.
TOP PLATE: 6/6 nylon (UL94V-2), black.
ACTUATOR: 6/6 nylon (UL94V-2), black (standard).
CONTACTS: Q contact material: Copper, silver plated. See page
E-35 for additional contact materials.
TERMINALS: Q contact material: Copper, silver plated. See page
E-35 for additional contact materials.
CONTACT SPRING: Music wire or stainless steel.
TERMINAL SEAL: Epoxy.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
S Series
Slide Switches
E
E-31
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
PART NUMBER
FUNCTION
AMP
RATING
S101031SS03Q
SPST
6
PART NUMBER
FUNCTION
AMP
RATING
S202031SS03Q
DPDT
6
Rev. A 8/99


Similar Part No. - S20204101QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
S202041MS02DB CK-COMPONENTS-S202041MS02DB Datasheet
339Kb / 5P
   S Series Slide Switches
S202041MS02DG CK-COMPONENTS-S202041MS02DG Datasheet
339Kb / 5P
   S Series Slide Switches
S202041MS02DQ CK-COMPONENTS-S202041MS02DQ Datasheet
339Kb / 5P
   S Series Slide Switches
S202041MS02DQE CK-COMPONENTS-S202041MS02DQE Datasheet
339Kb / 5P
   S Series Slide Switches
S202041MS02LB CK-COMPONENTS-S202041MS02LB Datasheet
339Kb / 5P
   S Series Slide Switches
More results

Similar Description - S20204101QE

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
EG1201 E-SWITCH-EG1201 Datasheet
412Kb / 5P
   SLIDE SWITCHES
logo
Grayhill, Inc
48ASSP1S2M6RBT GRAYHILL-48ASSP1S2M6RBT Datasheet
159Kb / 3P
   Slide Switches
logo
Copal Electronics
CES COPAL-CES Datasheet
880Kb / 4P
   SLIDE SWITCHES
CRFS COPAL-CRFS Datasheet
961Kb / 3P
   SLIDE SWITCHES
logo
List of Unclassifed Man...
CAS-120TB1 ETC1-CAS-120TB1 Datasheet
221Kb / 6P
   SLIDE SWITCHES
logo
ITT Industries
S101031SS03Q ITT-S101031SS03Q Datasheet
398Kb / 5P
   Slide Switches
logo
C&K Components
S102031MS02Q CK-COMPONENTS-S102031MS02Q Datasheet
340Kb / 5P
   Slide Switches
logo
Copal Electronics
CL-SB COPAL-CL-SB Datasheet
883Kb / 9P
   SLIDE SWITCHES
logo
E-SWITCH
500 E-SWITCH-500 Datasheet
315Kb / 4P
   SLIDE SWITCHES
EG1300 E-SWITCH-EG1300 Datasheet
104Kb / 1P
   SLIDE SWITCHES
logo
C&K Components
S101031SS03DQE CK-COMPONENTS-S101031SS03DQE Datasheet
309Kb / 5P
   Slide Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com