Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-007327-CT1ATB Datasheet(PDF) 1 Page - Tyco Electronics

Part # MABA-007327-CT1ATB
Description  1:1 Tx Line Balun Transformer 4.5-3000MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABA-007327-CT1ATB Datasheet(HTML) 1 Page - Tyco Electronics

  MABA-007327-CT1ATB Datasheet HTML 1Page - Tyco Electronics MABA-007327-CT1ATB Datasheet HTML 2Page - Tyco Electronics MABA-007327-CT1ATB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1:1 Tx Line Balun Transformer
4.5-3000MHz
MABA-007327-CT1A40
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
1
RoHS
Compliant
Features
• Surface Mount
• 1:1 Impedance
• 260°C Reflow Compatible
• RoHS* Compliant
• RoHS version of MABACT0034.
• Available on Tape and Reel. Reel quantity 2000
Description
M/A-COM’s MABA-007327-CT1A40 is a 1:1 Tx
Balun transformer in a low cost, surface mount pack-
age. Ideally suited for high volume CATV/Broadband
applications.
Ordering Information
Part Number
Package
MABA-007327-CT1A40TR
2000 piece reel
MABA-007327-CT1ATB
Customer Test Board
Note: Reference Application Note M513 for reel size information.
Schematic
Pin No.
Function
1
Secondary (output 1)
2
Not Connected (Ground)
3
Secondary Dot (output 2)
4
Primary (Ground)
5
Primary Dot (Input)
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC.
Dimensions in inches [mm] Tolerance: .xx ± .02, .xxx ± .010
Pin Configuration
Case Style: SM-164


Similar Part No. - MABA-007327-CT1ATB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007327-CT1ATB MA-COM-MABA-007327-CT1ATB Datasheet
111Kb / 3P
   1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
More results

Similar Description - MABA-007327-CT1ATB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MABACT0034 MACOM-MABACT0034 Datasheet
251Kb / 3P
   1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
M/A-COM Technology Solu...
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40 Datasheet
111Kb / 3P
   1:1 Tx Line Balun Transformer 4.5 - 3000 MHz
logo
Tyco Electronics
MABACT0059 MACOM-MABACT0059 Datasheet
79Kb / 3P
   1:1 Transmission Line Transformer 4.5 - 3000MHz
logo
M/A-COM Technology Solu...
MABACT0039 MA-COM-MABACT0039 Datasheet
68Kb / 3P
   1:1 Transmission Line Transformer 5-3000MHz
logo
Tyco Electronics
MABACT0039 MACOM-MABACT0039 Datasheet
70Kb / 3P
   1:1 Transmission Line Transformer 5-3000MHz
logo
M/A-COM Technology Solu...
MABA-007871-CT1A40 MA-COM-MABA-007871-CT1A40 Datasheet
162Kb / 4P
   Transformer 1:1 transmission line balun
MABA-009210-CT1760 MA-COM-MABA-009210-CT1760 Datasheet
105Kb / 3P
   1:1 Transmission Line Balun Transformer
MABA-009231-CT1A4B MA-COM-MABA-009231-CT1A4B Datasheet
128Kb / 3P
   Transformer, 1:1 transmission line balun
MABA-007871-CT1A40_V4 MA-COM-MABA-007871-CT1A40_V4 Datasheet
162Kb / 4P
   Transformer 1:1 transmission line balun
MABA-009210-CT1760 MA-COM-MABA-009210-CT1760_15 Datasheet
686Kb / 4P
   1:1 Transmission Line Balun Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com