Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MABA-007970-CT74TB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MABA-007970-CT74TB
Description  2.66:1 Transmission Line Transformer 50-870MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MABA-007970-CT74TB Datasheet(HTML) 3 Page - Tyco Electronics

  MABA-007970-CT74TB Datasheet HTML 1Page - Tyco Electronics MABA-007970-CT74TB Datasheet HTML 2Page - Tyco Electronics MABA-007970-CT74TB Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2.66:1 Transmission Line Transformer
50-870MHz
MABACT0074
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1P
3
RoHS
Compliant
Insertion Loss 2 (Coupled pin 5 to pin 3)
Amplitude Unbalance
Phase Balance
Typical Performance Curves: TA = 25°C, Z0 = 75Ω
Input Return Loss
Insertion Loss 1 (Through pin 5 to pin 1)
-2
-1.5
-1
-0.5
0
50
214
378
542
706
870
MHz
-2
-1.5
-1
-0.5
0
50
214
378
542
706
870
MHz
-1
-0.5
0
0.5
1
50
214
378
542
706
870
MHz
170
175
180
185
190
50
214
378
542
706
870
MHz
-12
-10
-8
-6
-4
-2
0
50
214
378
542
706
870
MHz


Similar Part No. - MABA-007970-CT74TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABA-007970-CT74TB MA-COM-MABA-007970-CT74TB Datasheet
95Kb / 3P
   2.66:1 Transmission Line Transformer 50-870MHz
More results

Similar Description - MABA-007970-CT74TB

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
   2.66:1 Transmission Line Transformer 50-870MHz
MABACT0074 MA-COM-MABACT0074_15 Datasheet
95Kb / 3P
   2.66:1 Transmission Line Transformer
MABACT0074 MA-COM-MABACT0074 Datasheet
95Kb / 3P
   2.66:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0017 MACOM-MABACT0017 Datasheet
171Kb / 3P
   4:1 Tx Line Transformer 50-870MHz characterized in a 2.66:1 Z environment
MABA-007731-CT1980 MACOM-MABA-007731-CT1980 Datasheet
112Kb / 3P
   1:1 Transmission Line Transformer 50-2150MHz
logo
M/A-COM Technology Solu...
MABA-007731-CT1980 MA-COM-MABA-007731-CT1980 Datasheet
99Kb / 3P
   1:1 Transmission Line Transformer 50-2150MHz
MABA-007327-CT1A40 MA-COM-MABA-007327-CT1A40_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
logo
Tyco Electronics
MABACT0013 MACOM-MABACT0013 Datasheet
106Kb / 3P
   1:1 Transmission Line Transformer 50 - 2150 MHz
logo
M/A-COM Technology Solu...
MABACT0034 MA-COM-MABACT0034_15 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
MABACT0034 MA-COM-MABACT0034 Datasheet
180Kb / 4P
   Transformer, 1:1 Transmission Line Transformer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com