Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T101SHAQE2 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # T101SHAQE2
Description  Subminiature Toggle Switches
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

T101SHAQE2 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  T101SHAQE2 Datasheet HTML 1Page - List of Unclassifed Manufacturers T101SHAQE2 Datasheet HTML 2Page - List of Unclassifed Manufacturers T101SHAQE2 Datasheet HTML 3Page - List of Unclassifed Manufacturers T101SHAQE2 Datasheet HTML 4Page - List of Unclassifed Manufacturers T101SHAQE2 Datasheet HTML 5Page - List of Unclassifed Manufacturers T101SHAQE2 Datasheet HTML 6Page - List of Unclassifed Manufacturers T101SHAQE2 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
LOCKING LEVER
K
LOCKING LEVER
K1
NOTE: Keyway on right side. To prevent accidental actuation, toggles must be lifted before being actuated.
When released, toggles again lock in place. Overtightening mounting nut may cause actuator to bind.
Bushing option code not required. Not available with TX05 & TX07 models.
Locking Positions
–01 & –02 Models
2 Position lock
–03 & –11 Models
3 Position lock
–08 Models
1 Position lock
Not available with CF bushing option.
ACTUATOR
ACTUATOR
ACTUATOR FINISH
BUSHING
H
H9 (STD.) .220 HIGH UNTHREADED, FLAT
T
T9 .310 HIGH UNTHREADED, FLAT
Y
Y9 .220 HIGH UNTHREADED, KEYWAY
H standard with C, W & Z terminations.
H9 standard with A, AV & V3 terminations.
(STD.) .220
 HIGH THREADED, FLAT
.220
 HIGH THREADED, KEYWAY
.310
 HIGH THREADED, FLAT
CF SPLASHPROOF, .310 HIGH THREADED, FLAT
TD
D9 .260 HIGH UNTHREADED, KEYWAY
TK
K9 .310 HIGH UNTHREADED, KEYWAY
IP67 Degree of protection.
Internal o-ring actuator seal and
external bushing seal washer standard.
Not available with K locking lever option.
.310
 HIGH THREADED, KEYWAY
.260
 HIGH THREADED, KEYWAY
PANEL MOUNTING
10 - 48 BUSHING
Without Locking Ring
With Standard Locking Ring
1/4 IN. BUSHING
Without Locking Ring
With Standard Locking Ring
With Small Locking Ring
With Standard Locking Ring
Without Locking Ring
Subminiature Toggle Switches
T Series
A
A-42
C&K Components, Inc. Web Site: www.ckcorp.com Americas Sales Tel: 800-635-5936 Fax: 617-926-6846
Europe Sales Tel: +44-1536-521147 Fax: +44-1536-411602
S Asia Sales Tel: +852-2798-6393 Fax: +852-2751-9926
OPTION
CODE
K & K1 ACTUATOR
CAP FINISH
NONE
(STD.) NATURAL AL.
2
BLACK ANODIZED AL.
3
RED ANODIZED AL.
7
BLUE ANODIZED AL.
Rev. A 8/99


Similar Part No. - T101SHAQE2

ManufacturerPart #DatasheetDescription
logo
ITT Industries
T101SHABE ITT-T101SHABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
T101SHAKE ITT-T101SHAKE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
T101SHAVBE ITT-T101SHAVBE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
T101SHAVKE ITT-T101SHAVKE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
More results

Similar Description - T101SHAQE2

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com