Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAPLST1900-060CF Datasheet(PDF) 4 Page - Tyco Electronics

Part # MAPLST1900-060CF
Description  RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 60W, 26V
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAPLST1900-060CF Datasheet(HTML) 4 Page - Tyco Electronics

  MAPLST1900-060CF Datasheet HTML 1Page - Tyco Electronics MAPLST1900-060CF Datasheet HTML 2Page - Tyco Electronics MAPLST1900-060CF Datasheet HTML 3Page - Tyco Electronics MAPLST1900-060CF Datasheet HTML 4Page - Tyco Electronics MAPLST1900-060CF Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RF Power LDMOS Transistor, 1890 — 1925 MHz, 60W, 26V
MAPLST1900-060CF
10/31/03
Preliminary
4
Graph 1. PHS: Power Gain and Drain Efficiency vs. Output Power
Graph 2. PHS: Adjacent Channel Power Ratio vs. Output Power
4
26Vdc, 1905.05 MHz, 600kHz Offset
-75
-73
-71
-69
-67
-65
-63
-61
33
34
35
36
37
38
39
40
41
42
43
POUT-avg. (dBm)
450mA
500mA
550mA
26Vdc, 1905.05 MHz, IDQ=550mA
11.0
11.5
12.0
12.5
13.0
13.5
14.0
33
34
35
36
37
38
39
40
41
42
43
POUT (dBm)
5
10
15
20
25
30
35
Gain
Efficiency


Similar Part No. - MAPLST1900-060CF

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPLST1900-060CF MA-COM-MAPLST1900-060CF Datasheet
205Kb / 7P
   LDMOS RF Line Power FET Transistor 60 W , 1890-1925 MHz, 26V
More results

Similar Description - MAPLST1900-060CF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAPLST1900-030CF MACOM-MAPLST1900-030CF Datasheet
236Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1890 - 1925 MHz, 30W, 26V
logo
M/A-COM Technology Solu...
MAPLST1900-060CF MA-COM-MAPLST1900-060CF Datasheet
205Kb / 7P
   LDMOS RF Line Power FET Transistor 60 W , 1890-1925 MHz, 26V
logo
Tyco Electronics
MAPLST1820-060CF MACOM-MAPLST1820-060CF Datasheet
171Kb / 4P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 60W, 26V
MAPL-000817-015CPC-072706 MACOM-MAPL-000817-015CPC-072706 Datasheet
199Kb / 5P
   RF Power Field Effect Transistor LDMOS, 800-1700 MHz, 15W, 26V
MAPLST0810-030CF-05-2004 MACOM-MAPLST0810-030CF-05-2004 Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST0810-030CF MACOM-MAPLST0810-030CF Datasheet
137Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 30W, 26V
MAPLST1820-030CF MACOM-MAPLST1820-030CF Datasheet
181Kb / 5P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 30W, 26V
MAPLST1820-090CF MACOM-MAPLST1820-090CF Datasheet
129Kb / 4P
   RF Power Field Effect Transistor LDMOS, 1800 - 2000 MHz, 90W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
MAPLST0810-045CF MACOM-MAPLST0810-045CF Datasheet
136Kb / 4P
   RF Power Field Effect Transistor LDMOS, 865 - 960 MHz, 45W, 26V
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com