Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA63-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CRA63-1
Description  Cascadable Amplifier 2000 to 6000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRA63-1 Datasheet(HTML) 1 Page - Tyco Electronics

  CRA63-1 Datasheet HTML 1Page - Tyco Electronics CRA63-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
%& '() *
+, -(.+) *
+ /
0
1/23 45 6
/*
1/ 1(*
.
- 3 45 6
/*
1/ 7% 5% 57) ,' 8
-9 3 456
&7) 57) ,' :%55&4 7& (1, 8
" '(
0
;
#
"<=
>!?
" " $
" !
!$
$ !>#
$
#
!
! " >"
= <
"
> 1 (
,
= @
#
>!
# <
#
; #
!
"
;
=
= !
A$ ! < !>
- " 70 - ! :$
9 $! #
@ >
"
<
? ! 9*&0: +0
!; !
!
! !>
;
=
!
"#
$
%
& '
'
'
( )'
!* ' +
A$ ! <
1/2
0
0
0
:
: >!
1 ! 3 !6
-
1 !
!
3
6
-
B
B
B
' ;
*
!
-
.
>$
3
6
-
5
7$ #$
C
-
# 3 !6
-
*5
-
8
*5
-
8
:
! 7
/
!
*
5
-
8
:) ' *!#$
7$ #$ 3
6
+D D$
! C
3
6
(
,
%
-
.
/ %
. -
0
1 .
'(
0
70 -
:9'(
0
:$
9 $!
D'(
0
:9( D !!
2
0
2 3
4
.
0
2 3
:
>
#
$
0
ED
8
ED
D
#
$
8
ED
+D
>
8
D ! !$ $ *!#$ 5
8
-
:"
*!#$ #
3
!$
6
)
5
@5
3 F
6
)
G:H:
-$ !0*!
#
$
3
6
8
ED
"
!
4
.
"
'
!
IJ
ED )
!
5
+
#
! 5
)
K$!
!
#
$
'
(= ; D
J
8 ED
L7;
#
$
#
!
#
!$ =
D'(
0 ?>$
!
D
8
D ! <


Similar Part No. - CRA63-1

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CRA601D KOA-CRA601D Datasheet
477Kb / 2P
   cr networks
logo
Tyco Electronics
CRA62 MACOM-CRA62 Datasheet
356Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
CRA66 MACOM-CRA66 Datasheet
414Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
CRA69 MACOM-CRA69 Datasheet
467Kb / 2P
   Cascadable Amplifier 10 to 1000 MHz
More results

Similar Description - CRA63-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A6011 MACOM-A6011_1 Datasheet
374Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
M/A-COM Technology Solu...
RA62 MA-COM-RA62 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011 Datasheet
1Mb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
logo
Tyco Electronics
RA62 MACOM-RA62 Datasheet
356Kb / 2P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MACOM-A6011 Datasheet
105Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
M/A-COM Technology Solu...
RA63-1 MA-COM-RA63-1 Datasheet
1Mb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
A6011 MA-COM-A6011_15 Datasheet
637Kb / 3P
   Cascadable Amplifier 2000 to 6000 MHz
logo
List of Unclassifed Man...
A6011 ETC1-A6011 Datasheet
104Kb / 1P
   2000 TO 6000 MHz CASCADABLE AMPLIFIER
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
   2000-6000 MHz 2000-6000 MHz
A2CP6008 TELEDYNE-A2CP6008 Datasheet
109Kb / 1P
   2000-6000 MHz COUGARPAK ??AMPLIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com