Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CRA89-1 Datasheet(PDF) 1 Page - Tyco Electronics

Part # CRA89-1
Description  Cascadable Amplifier 10 to 500 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

CRA89-1 Datasheet(HTML) 1 Page - Tyco Electronics

  CRA89-1 Datasheet HTML 1Page - Tyco Electronics CRA89-1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
!
"
#$
%
&
' (
(
(
) *(
+ ( ,
%$ ! &
'()
*
*
*
+
+ ,!
- ! . !/
0
- !
!
.
/
0
1
1
1
2 3
4
!
0
5
,$
.
/
0
6
7$ #$
8
0
# . !/
0
46
0
9
46
0
9
+
! 7
(
!
4
6
0
9
+: 2 4!#$
7$ #$ .
/
;< <$
! 8
.
/
=
-
(4
-( -=4
5* : 7 + =->+
0 . ?6 /
(4
-( 7@ 6@ 67: >2 9
0
. ?6 /
(4
-( (4
2; 72;>2 46 9
0
. ?6 /
A7:
+: 2 B
. ?6 /
!
" 2=
* 2
#
"&C
,!D " " $
" !
!$
$ !,#
!
! #
!
! " ,"
C &
"
, C#
!
C E
#
,!
# &
#
3 #
!
3
C
C !
%$ ! &
!,
=!
3
;< C
!, !
E ! $
#
$ *
C #
!
0 " 7* 0 ! +$
' $! #
E ,
"
&
D ! '4A*+ ;*
!3 !
!
! !,
3
C
&
.
/
0 &
/ .
1
2 /
2=
*
7* 0
+'2=
*
+$
' $!
<2=
*
+'= < !!
)
1
3 4
5
/
1
3 4
+
,
#
$
*
F<
9
F<
<
#
$
F<
;<
,
9
< ! !$ $ 4!#$ 6
9
0
+"
4!#$ #
.
!$
/
:
6
E6
. G
/
:
H+I+
0$ !*4!
#
$
.
/
F<
#
!
!
5
/
"
2
!
JK
F< :
!
6
;
#
! 6
:
L$!
!
#
$
2
=C 3 <
K
F<
M73
#
$
#
!
#
!$ C
<2=
* D,$
!
<
9
< ! &


Similar Part No. - CRA89-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
CRA89 MACOM-CRA89 Datasheet
487Kb / 2P
   Cascadable Amplifier 5 to 500 MHz
More results

Similar Description - CRA89-1

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
RA89-1 MA-COM-RA89-1 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A53 MACOM-A53 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A513 MA-COM-A513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Tyco Electronics
A515 MACOM-A515 Datasheet
405Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
RA76 MACOM-RA76 Datasheet
484Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
A57 MACOM-A57 Datasheet
108Kb / 1P
   10 TO 500 MHz CASCADABLE AMPLIFIER
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
   Cascadable Amplifier 10 to 500 MHz
A83 MACOM-A83 Datasheet
354Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
A511 MACOM-A511 Datasheet
355Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
A515 MA-COM-A515_15 Datasheet
713Kb / 3P
   Cascadable Amplifier 10 to 500 MHz
A57 MA-COM-A57 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com