Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP23PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP23PW
Description  2x2 LVPECL Crosspoint switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23PW Datasheet(HTML) 4 Page - Texas Instruments

  SN65LVCP23PW Datasheet HTML 1Page - Texas Instruments SN65LVCP23PW Datasheet HTML 2Page - Texas Instruments SN65LVCP23PW Datasheet HTML 3Page - Texas Instruments SN65LVCP23PW Datasheet HTML 4Page - Texas Instruments SN65LVCP23PW Datasheet HTML 5Page - Texas Instruments SN65LVCP23PW Datasheet HTML 6Page - Texas Instruments SN65LVCP23PW Datasheet HTML 7Page - Texas Instruments SN65LVCP23PW Datasheet HTML 8Page - Texas Instruments SN65LVCP23PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
SN65LVCP23
SLLS554C − NOVEMBER 2002 − REVISED SEPTEMBER 2004
www.ti.com
4
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range unless otherwise noted(1)
UNITS
Supply voltage(2) range, VCC
−0.5 V to 4 V
CMOS/TTL input voltage (ENO, EN1, SEL0, SEL1)
−0.5 V to 4 V
Receiver Input voltage (IN+, IN−)
−0.7 V to 4.3 V
LVPECL driver output voltage (OUT+, OUT−)
−0.5 V to 4 V
Output current
Continuous
50 mA
Output current
Surge
100 mA
Storage temperature range
−65
°C to 125°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
235
°C
Continuous power dissipation
See Dissipation Rating Table
Electrostatic discharge
Human body model(3)
All pins
±5 kV
Electrostatic discharge
Charged-device mode(4)
All pins
±500 V
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltage values, except differential I/O bus voltages, are with respect to network ground terminals.
(3) Tested in accordance with JEDEC Standard 22, Test Method A114-A.
(4) Tested in accordance with JEDEC Standard 22, Test Method C101.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Receiver input voltage
0
4
V
Junction temperature
125
°C
Operating free-air temperature, TA(1)
−40
85
°C
Magnitude of differential input voltage |VID|
0.1
3
V
(1) Maximum free-air temperature operation is allowed as long as the device maximum junction temperature is not exceeded.


Similar Part No. - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23PW TI-SN65LVCP23PW Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWG4 TI-SN65LVCP23PWG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWRG4 TI-SN65LVCP23PWRG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP23PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com