Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65LVCP23PWR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVCP23PWR
Description  2x2 LVPECL Crosspoint switch
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVCP23PWR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN65LVCP23PWR Datasheet HTML 3Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 4Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 5Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 6Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 7Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 8Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 9Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 10Page - Texas Instruments SN65LVCP23PWR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
SN65LVCP23
SLLS554C − NOVEMBER 2002 − REVISED SEPTEMBER 2004
www.ti.com
7
PARAMETER MEASUREMENT INFORMATION
IN+
VID
VOD
VIN−
VIN+
VOZ
VOY
IIN−
IIN+
IN+ +IN−
VIC
2
VOUT++VOUT−
2
IN−
OUT +
OUT −
Figure 1. Voltage and Current Definitions
VOD
VTT = VCC −2 V
Y
Z
50
50
Driver
Device
Receiver
Device
Figure 2. Typical Termination for LVPECL Output Driver
1.4 V
1 V
tPLHD
0.4 V
0 V
VIN+
VIN−
VID
80%
tPHLD
20%
tHLT
tLHT
+VOD
0 V
OUT+
OUT−
IN+
IN−
VID
1 pF
VIN−
VIN+
−0.4 V
VOUT−
50
VOUT+
VOD
−VOD
Vdiff = (OUT+) − (OUT−)
50
VTT
VTT
NOTE: All input pulses are supplied by a generator having the following characteristics: tr or tf ≤ 0.25 ns, pulse-repetition rate (PRR) = 0.5 Mpps,
pulse width = 500
±10 ns; CL includes instrumentation and fixture capacitance within 0,06 mm of the D.U.T.
Figure 3. Timing Test Circuit and Waveforms


Similar Part No. - SN65LVCP23PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23PWR TI-SN65LVCP23PWR Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23PWRG4 TI-SN65LVCP23PWRG4 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
More results

Similar Description - SN65LVCP23PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP23 TI-SN65LVCP23_08 Datasheet
538Kb / 19P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP23 TI1-SN65LVCP23_14 Datasheet
783Kb / 22P
[Old version datasheet]   2x2 LVPECL CROSSPOINT SWITCH
SN65LVCP22 TI-SN65LVCP22_07 Datasheet
567Kb / 19P
[Old version datasheet]   2x2 LVDS CROSSPOINT SWITCH
SN65LVCP402 TI1-SN65LVCP402 Datasheet
1Mb / 20P
[Old version datasheet]   Gigabit 2x2 CROSSPOINT SWITCH
DS10CP152 TI1-DS10CP152_14 Datasheet
767Kb / 16P
[Old version datasheet]   Gbps 2X2 LVDS Crosspoint Switch
SN55LVCP22-SP TI1-SN55LVCP22-SP Datasheet
298Kb / 17P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
SN55LVCP22 TI1-SN55LVCP22 Datasheet
257Kb / 20P
[Old version datasheet]   CLASS V 2x2 LVDS CROSSPOINT SWITCH
logo
Pericom Semiconductor C...
PI90LV024 PERICOM-PI90LV024 Datasheet
151Kb / 12P
   LVDS Dual 2x2 Crosspoint/Repeater Switch
logo
National Semiconductor ...
DS25CP152 NSC-DS25CP152 Datasheet
272Kb / 12P
   3.125 Gbps LVDS 2x2 Crosspoint Switch
logo
Texas Instruments
DS90CP02 TI1-DS90CP02_15 Datasheet
796Kb / 16P
[Old version datasheet]   1.5 Gbps 2x2 LVDS Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com