Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4221-1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4221-1
Description  Surface Mount Filter Bead
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4221-1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4221-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
101
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 4221
Surface Mount Filter Bead
DCR 0.0008 Ohms max.
Operating Temperature Range –55°C to +125°C
Current Rating 5 Amps max. (35°C Rise, 90° Ambient)
Material Ferrite bead with 90/10 tin/lead plated copper lead
Packaging Tape & reel
Series 4221-1 and 4221-3 (12mm)
Series 4221-2 and 4221-4 (16mm)
7" reel, 500 pieces max.; 13" reel, 4000 pieces max.
4221-2
1
10
FREQUENCY (MHz)
4221-4
4221-1
20
30
40
50
60
70
80
90
100
10
100
1000
TYPICAL CURVES
110
4221-3
Impedance (OHMS)
Part Number
@25MHz (Min.)
@100MHz (±20%)
4221-1
22
47
4221-2
45
95
4221-3
22
42
4221-4
43
85
A in.
0.197 +0.011/-0.028
0.374 +0.015/-0.028
0.217 +0.011/-0.028
0.350 +0.015/-0.028
mm.
(5.0 +0.3/-0.7)
(9.5 +0.4/-0.7)
(5.5 +0.3/-0.7)
(8.9 +0.4/-0.7)
B in.
0.120 ± 0.006
0.120 ± 0.006
0.117 ± 0.006
0.187 ± 0.006
mm.
(3.05 ± 0.15)
(3.05 ± 0.15)
(2.97 ± 0.15)
(4.75 ± 0.15)
C in.
0.120 +0.007/-0.015
0.120 +0.007/-0.015
0.138 +0.007/-0.015
0.138 +0.007/-0.015
mm.
(3.05 +0.2/-0.4)
(3.05 +0.2/-0.4)
(3.50 +0.2/-0.4)
(3.50 +0.2/-0.4)
D in.
0.059 ± 0.025
0.059 ± 0.025
0.059 ± 0.025
0.059 ± 0.025
mm.
(1.50 ± 0.63)
(1.50 ± 0.63)
(1.50 ± 0.63)
(1.50 ± 0.63)
E in.
0.050 ± 0.003
0.050 ± 0.003
0.050 ± 0.003
0.073 ± 0.003
mm.
(1.25 ± 0.07)
(1.25 ± 0.07)
(1.25 ±0.07)
(1.85 ± 0.07)
4221 - 4
4221 - 3
4221 - 2
4221 - 1
For more detailed graphs, contact factory


Similar Part No. - 4221-1

ManufacturerPart #DatasheetDescription
logo
API Delevan
4221-3 API-4221-3 Datasheet
1Mb / 1P
   Surface Mount Filter Bead
More results

Similar Description - 4221-1

ManufacturerPart #DatasheetDescription
logo
API Delevan
4221R-1 API-4221R-1 Datasheet
1Mb / 1P
   Surface Mount Filter Bead
logo
Superworld Electronics
Z403025_SERIES SUPERWORLD-Z403025_SERIES Datasheet
1Mb / 9P
   Surface Mount Ferrite Bead
logo
Abracon Corporation
ACSB ABRACON-ACSB Datasheet
95Kb / 1P
   SURFACE-MOUNT CHIP BEAD
ACBA ABRACON-ACBA Datasheet
77Kb / 1P
   SURFACE-MOUNT CHIP BEAD ARRAY
logo
API Delevan
4222R API-4222R Datasheet
1Mb / 1P
   Surface Mount Common Mode Bead
logo
SAMWHA ELECTRIC
BFS2070A0B SAMWHA-BFS2070A0B Datasheet
333Kb / 3P
   BEAD Filter
logo
Superworld Electronics
Z853025-10 SUPERWORLD-Z853025-10 Datasheet
160Kb / 3P
   SINGLE LINE SURFACE MOUNT FERRITE BEAD
Z403025-10 SUPERWORLD-Z403025-10 Datasheet
161Kb / 3P
   SINGLE LINE SURFACE MOUNT FERRITE BEAD
logo
TT Electronics.
HM69D TTELEC-HM69D Datasheet
896Kb / 4P
   Surface Mount Power Bead Coupled Inductors
logo
Superworld Electronics
Z853025-10 SUPERWORLD-Z853025-10_10 Datasheet
162Kb / 3P
   SINGLE LINE SURFACE MOUNT FERRITE BEAD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com