Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS244AN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 74ALS244AN
Description  Octal buffer 3-State
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS244AN Datasheet(HTML) 5 Page - NXP Semiconductors

  74ALS244AN Datasheet HTML 1Page - NXP Semiconductors 74ALS244AN Datasheet HTML 2Page - NXP Semiconductors 74ALS244AN Datasheet HTML 3Page - NXP Semiconductors 74ALS244AN Datasheet HTML 4Page - NXP Semiconductors 74ALS244AN Datasheet HTML 5Page - NXP Semiconductors 74ALS244AN Datasheet HTML 6Page - NXP Semiconductors 74ALS244AN Datasheet HTML 7Page - NXP Semiconductors 74ALS244AN Datasheet HTML 8Page - NXP Semiconductors 74ALS244AN Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Philips Semiconductors
Product specification
74ALS244A/74ALS244A-1
Octal buffer (3-State)
1991 Feb 08
5
AC WAVEFORMS
For all waveforms, VM = 1.3V.
VM
VM
VM
VM
Yn
Ian, Ibn
tPLH
tPHL
SF00231
Waveform 1.
Propagation Delay for Non-inverting Outputs
VOH–0.3V
VM
VM
VM
Yn
tPZH
tPHZ
SF00233
OEn
0V
Waveform 2.
3-State Output Enable Time to High Level
and Output Disable Time from High Level
VOL+0.3V
VM
VM
VM
Yn
tPZL
tPLZ
SF00234
OEn
3.5V
Waveform 3.
3-State Output Enable Time to Low Level
and Output Disable Time from Low Level
TEST CIRCUIT AND WAVEFORMS
tw
90%
VM
10%
90%
VM
10%
90%
VM
10%
90%
VM
10%
NEGATIVE
PULSE
POSITIVE
PULSE
tw
AMP (V)
0.3V
0.3V
tTHL (tff)
INPUT PULSE REQUIREMENTS
Rep.Rate
tw
tTLH
tTHL
1MHz
500ns
2.0ns
2.0ns
Input Pulse Definition
VCC
Family
74ALS
D.U.T.
PULSE
GENERATOR
RL
CL
RT
VIN
VOUT
Test Circuit for 3-State Outputs
DEFINITIONS:
RL = Load resistor;
see AC electrical characteristics for value.
CL = Load capacitance includes jig and probe capacitance;
see AC electrical characteristics for value.
RT = Termination resistance should be equal to ZOUT of
pulse generators.
tTHL (tf )
tTLH (tr )
tTLH (tr )
AMP (V)
Amplitude
3.5V
1.3V
VM
SC00072
RL
7.0V
SWITCH POSITION
TEST
SWITCH
tPLZ, tPZL
closed
All other
open


Similar Part No. - 74ALS244AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ALS244 TI-74ALS244 Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ALS244 FAIRCHILD-74ALS244 Datasheet
73Kb / 6P
   Octal 3-STATE Bus Driver
More results

Similar Description - 74ALS244AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74HC540 FAIRCHILD-MM74HC540 Datasheet
89Kb / 6P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240 Datasheet
94Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540 Datasheet
93Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HC540 FAIRCHILD-MM74HC540_05 Datasheet
102Kb / 7P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT240 FAIRCHILD-MM74HCT240_05 Datasheet
110Kb / 8P
   Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer
MM74HCT244WM FAIRCHILD-MM74HCT244WM Datasheet
111Kb / 8P
   Inverting Octal 3-STATE Buffer ??Octal 3-STATE Buffer
MM74HCT540 FAIRCHILD-MM74HCT540_05 Datasheet
105Kb / 8P
   Inverting Octal 3-STATE Buffer - Octal 3-STATE Buffer
logo
NXP Semiconductors
74ALS241A PHILIPS-74ALS241A Datasheet
109Kb / 9P
   Octal buffer 3-state
1991 Feb 08
logo
Fairchild Semiconductor
DM81LS95A FAIRCHILD-DM81LS95A Datasheet
71Kb / 7P
   3-STATE Octal Buffer
MM74HC244SJX FAIRCHILD-MM74HC244SJX Datasheet
107Kb / 8P
   Octal 3-STATE Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com