Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1330-30K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1330-30K
Description  Unshielded Surface Mount Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1330-30K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1330-30K Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
01F
02F
03F
04F
05F
06F
07F
08F
09F
10F
11F
12F
13F
14F
15F
16F
17F
18F
19F
2/ 2002
PAGE
26
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 1330
Unshielded Surface Mount Inductors
1380
1300
1230
1120
1040
975
830
710
660
550
500
420
390
620
560
480
415
355
285
263
239
195
185
160
144
160
157
149
144
140
130
125
110
100
92
88
84
66
61
57
52
47
45
40
36
35
30
29
28
0.08
0.09
0.10
0.12
0.14
0.16
0.22
0.30
0.35
0.50
0.60
0.85
1.00
0.18
0.22
0.30
0.40
0.55
0.85
1.00
1.20
1.80
2.00
2.70
3.30
2.70
2.80
3.10
3.30
3.50
3.40
3.60
4.50
5.70
6.70
7.30
8.00
13.00
15.00
17.00
21.00
25.00
28.00
35.00
42.00
46.00
60.00
65.00
72.00
680.0
640.0
600.0
550.0
510.0
430.0
410.0
365.0
330.0
300.0
275.0
250.0
230.0
150.0
140.0
125.0
115.0
100.0
90.0
80.0
75.0
65.0
60.0
55.0
50.0
40.0
35.0
30.0
25.0
20.0
24.0
22.0
20.0
18.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
7.0
6.5
6.0
5.0
4.2
3.8
3.4
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
25.0
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
7.9
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
0.79
40
40
38
35
33
33
30
30
30
30
28
28
25
25
28
30
30
37
45
45
45
50
50
55
55
45
45
45
45
45
35
35
35
35
35
35
35
30
30
30
30
30
30
30
30
30
30
30
30
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.00
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
Military QPL Approval
M83446/31 Phenolic Core
M83446/32 Iron Core
M83446/33 Ferrite Core
* Ordering Note Military parts must be ordered to
the M83446/ part number
Physical Parameters
Inches
Millimeters
A
0.300 to 0.325
7.62 to 8.26
B
0.105 to 0.125
2.67 to 3.18
C
0.125 to 0.145
3.18 to 3.68
D
0.020 Min.
0.508 Min
E
0.040 to 0.060
1.02 to 1.52
F
0.190 (Ref. only)
4.83 (Ref. only)
G
0.070 (Ref. only)
1.78 (Ref. only)
Weight Max (Grams) 0.30
Operating Temperature Range
Phenolic: –55°C to +125°C
Iron and Ferrite: –55°C to +105°C
Current Rating at 90°C Ambient
Phenolic: 35°C Rise
Iron and Ferrite: 15°C Rise
Maximum Power Dissipation at 90°C Ambient
Phenolic: 0.210 W
Iron: 0.090 W
Ferrite: 0.073 W
Packaging Tape & reel (16mm): 7" reel, 500 pieces
max.; 13" reel, 2200 pieces max.
Made In the U.S.A. Patent Protected
M
I L I TA RY
A
P P R O V E D
M83446/31– SERIES 1330 PHENOLIC CORE
1330-94K
1330-96K
1330-00K
1330-02K
1330-04K
1330-06K
1330-08K
1330-10K
1330-12K
1330-14K
1330-16K
1330-18K
1330-20K
M83446/32– SERIES 1330 IRON CORE
1330-22K
1330-24K
1330-26K
1330 28K
1330-30K
1330-32K
1330-34K
1330-36K
1330-38K
1330-40K
1330-42K
1330-44K
1330-46K
1330-48K
1330 50K
1330-52K
1330-54K
M83446/33– SERIES 1330 FERRITE CORE
1330-56K
1330-58K
1330-60K
1330-62K
1330-64K
1330-66K
1330-68K
1330-70K
1330-72K
1330-74K
1330-76K
1330-78K
1330-80K
1330-82K
1330-84K
1330-86K
1330-88K
1330-90K
1330-92K
Optional Tolerances:
J = 5%
H = 3%
G = 2%
F = 1%


Similar Part No. - 1330-30K

ManufacturerPart #DatasheetDescription
logo
API Delevan
1330-30K API-1330-30K Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
More results

Similar Description - 1330-30K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1812-100M ETC1-1812-100M Datasheet
60Kb / 2P
   Unshielded Surface Mount Inductors
logo
API Delevan
2510-22F API-2510-22F Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
HF1008R API-HF1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1812R-151J API-1812R-151J Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1008R API-1008R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
1330R API-1330R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
2510R API-2510R Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
logo
List of Unclassifed Man...
1008-018M ETC1-1008-018M Datasheet
28Kb / 1P
   Unshielded Surface Mount Inductors
logo
API Delevan
MIL1330-94K API-MIL1330-94K Datasheet
44Kb / 1P
   Unshielded Surface Mount Inductors
MIL1330 API-MIL1330_10 Datasheet
1Mb / 1P
   Unshielded Surface Mount Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com