Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2474-14L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 2474-14L
Description  Axial Lead Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

2474-14L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  2474-14L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
85
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 2474
Axial Lead Power Inductors
6.4
5.8
5.2
4.8
4.3
3.9
3.5
3.2
2.9
2.7
2.5
2.2
2.0
1.8
1.6
1.5
1.4
1.2
1.1
1.0
0.93
0.85
0.77
0.71
0.64
0.58
0.52
0.48
0.43
0.39
0.35
0.32
0.29
0.27
0.25
0.22
0.20
0.18
0.16
0.15
0.14
0.12
0.11
0.10
0.09
0.09
0.08
0.07
0.06
0.06
0.05
0.05
6.27
5.95
5.67
5.43
5.22
5.03
4.70
4.56
4.01
3.84
3.69
3.55
3.27
3.09
2.97
2.84
2.66
2.25
2.17
2.05
1.84
1.65
1.56
1.53
1.30
1.12
1.04
0.99
0.84
0.80
0.74
0.68
0.59
0.56
0.49
0.42
0.39
0.37
0.34
0.30
0.28
0.25
0.23
0.20
0.19
0.18
0.15
0.13
0.12
0.12
0.10
0.09
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100.0
120.0
150.0
180.0
220.0
270.0
330.0
390.0
470.0
560.0
680.0
820.0
1000.0
1200.0
1500.0
1800.0
2200.0
2700.0
3300.0
3900.0
4700.0
5600.0
6800.0
8200.0
10000.0
12000.0
15000.0
18000.0
0.009
0.010
0.011
0.012
0.013
0.014
0.016
0.017
0.022
0.024
0.026
0.028
0.033
0.037
0.040
0.044
0.050
0.070
0.075
0.084
0.104
0.130
0.145
0.152
0.208
0.283
0.330
0.362
0.505
0.557
0.650
0.770
1.03
1.14
1.50
1.98
2.30
2.55
3.00
4.00
4.40
5.80
6.56
8.63
10.1
11.2
15.0
20.8
23.4
26.0
36.0
40.0
Mechanical Configuration Units are axial leaded
for thru-hole mounting, encapsulated in an epoxy
molded case. High resistivity ferrite core, allows for
high inductance with low DC resistance.
Physical Parameters
Inches
Millimeters
Length
0.740 ± 0.010
18.80 ± 0.25
Diameter
0.240 ± 0.010
6.10 ± 0.25
Lead Size
AWG #20 TCW
0.032 ± 0.002
0.813 ± 0.051
Lead Length
1.44 ± 0.12
36.58 ± 3.05
Operating Temperature Range –55°C to +125°C
Current Rating 40°C Rise over 85°C Ambient
Maximum Power Dissipation at 85°C .50 W
Inductance Measured at 1 V with no DC current
Incremental Current The current at which the
inductance will be decreased by a maximum of 5%
from its initial zero DC value.
Weight Max. (Grams) 2.5
Packaging Tape & reel: 12" reel, 1000 pieces max.;
14" reel, 1500 pieces max. For additional packaging
options, see page 146.
Made in the U.S.A.
SERIES 2474 FERRITE CORE
2474-01L
2474-02L
2474-03L
2474-04L
2474-05L
2474-06L
2474-07L
2474-08L
2474-09L
2474-10L
2474-11L
2474-12L
2474-13L
2474-14L
2474-15L
2474-16L
2474-17L
2474-18L
2474-19L
2474-20L
2474-21L
2474-22L
2474-23L
2474-24L
2474-25L
2474-26L
2474-27L
2474-28L
2474-29L
2474-30L
2474-31L
2474-32L
2474-33L
2474-34L
2474-35L
2474-36L
2474-37L
2474-38L
2474-39L
2474-40L
2474-41L
2474-42L
2474-43L
2474-44L
2474-45L
2474-46L
2474-47L
2474-48L
2474-49L
2474-50L
2474-51L
2474-52L
Optional Tolerances:
K = 10%
J = 5%


Similar Part No. - 2474-14L

ManufacturerPart #DatasheetDescription
logo
API Delevan
2474-14L API-2474-14L Datasheet
1Mb / 1P
   Axial Lead Power Inductors
More results

Similar Description - 2474-14L

ManufacturerPart #DatasheetDescription
logo
API Delevan
2474R API-2474R Datasheet
1Mb / 1P
   Axial Lead Power Inductors
logo
Murata Manufacturing Co...
KMP_1800 MURATA-KMP_1800 Datasheet
94Kb / 2P
   Axial Lead Inductors
logo
C&D Technologies
1800 CANDD-1800 Datasheet
54Kb / 2P
   Axial Lead Inductors
logo
Murata Power Solutions ...
1800 MURATA-PS-1800 Datasheet
87Kb / 2P
   Axial Lead Inductors
logo
Bourns Electronic Solut...
LPA0618-100KL BOURNS-LPA0618-100KL_09 Datasheet
92Kb / 1P
   Axial Power Inductors
LPA0618-100KL BOURNS-LPA0618-100KL Datasheet
150Kb / 1P
   Axial Power Inductors
logo
API Delevan
2256R API-2256R Datasheet
1Mb / 1P
   Axial Lead Power Choke
logo
Coilcraft lnc.
PCH-27-392L COILCRAFT-PCH-27-392L Datasheet
207Kb / 3P
   Axial Lead Power Chokes
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
   Axial Leaded Power Inductors
logo
Bel Fuse Inc.
SFAPI BEL-SFAPI Datasheet
1Mb / 6P
   Fixed Axial Power Inductors
Dec 16 2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com