Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

4922-821L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 4922-821L
Description  High Current Surface Mount Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

4922-821L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  4922-821L Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2/ 2002
PAGE
71
www.delevan.com E-mail: apisales@delevan.com
270 Quaker Rd., East Aurora NY 14052 • Phone 716-652-3600 • Fax 716-652-4814
Series 4922 High Current
Surface Mount Power Inductors
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
7.00
6.75
6.50
6.25
6.00
5.80
5.70
5.60
5.50
4.69
4.45
4.34
3.70
3.41
3.23
3.07
2.90
2.79
2.61
2.51
2.36
2.24
2.11
1.82
1.61
1.48
1.33
1.12
1.04
1.00
0.97
0.81
0.76
0.73
0.63
0.53
0.50
0.47
0.39
0.38
0.35
0.33
0.30
0.26
0.24
0.200
0.178
0.157
0.141
0.131
0.126
0.110
0.103
0.100
0.080
0.077
0.071
0.065
0.061
0.052
0.050
0.0080
0.0085
0.0090
0.0095
0.0100
0.0105
0.0110
0.0120
0.013
0.018
0.020
0.021
0.029
0.034
0.038
0.042
0.047
0.051
0.058
0.063
0.071
0.079
0.089
0.119
0.152
0.179
0.222
0.315
0.362
0.397
0.418
0.604
0.672
0.735
0.998
1.370
1.580
1.770
2.510
2.730
3.250
3.750
4.310
6.040
6.900
10.00
12.50
16.00
20.00
23.00
25.00
33.00
37.00
40.00
62.00
66.00
74.00
93.00
105.0
143.0
160.0
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.00
1.20
1.50
1.80
2.20
2.70
3.30
3.90
4.70
5.60
6.80
8.20
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
82.0
100
120
150
180
220
270
330
390
470
560
680
820
1000
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
18000
22000
Mechanical Configuration Units are encapsulated
in a Surface Mount package, using an epoxy molded
case. Leads are pre-tinned. A high resistivity ferrite
core allows for high inductance with low DC
resistance.
Physical Parameters
Inches
Millimeters
A
0.490 to 0.520
12.44 to 13.21
B
0.230 to 0.250
5.84 to 6.35
C
0.210 to 0.230
5.33 to 5.84
D
0.050 Min.
1.27 Min.
E
0.055 to .075
1.40 to 1.91
F
0.330 (Ref. only)
8.38 (Ref. only)
G
0.120 (Ref. only)
3.04 (Ref. only)
Operating Temperature Range –55°C to +125°C
Current Rating at 85°C Ambient 40°C Rise
Maximum Power Dissipation at 85°C 0.55 Watts
Inductance
Measured at 1 VAC open circuit with no DC current.
Incremental Current The current at which the
inductance will be decreased by a maximum of 5%
from its initial zero DC value.
Weight (Grams Max.) 1.5
Packaging Tape & reel (24mm): 13" reel, 800 pieces
max.; 7" reel not available
Made In the U.S.A. Patent Protected
SERIES 4922 FERRITE CORE
4922-221L
4922-271L
4922-331L
4922-391L
4922-471L
4922-561L
4922-681L
4922-821L
4922-01L
4922-02L
4922-03L
4922-04L
4922-05L
4922-06L
4922-07L
4922-08L
4922-09L
4922-10L
4922-11L
4922-12L
4922-13L
4922-14L
4922-15L
4922-16L
4922-17L
4922-18L
4922-19L
4922-20L
4922-21L
4922-22L
4922-23L
4922-24L
4922-25L
4922-26L
4922-27L
4922-28L
4922-29L
4922-30L
4922-31L
4922-32L
4922-33L
4922-34L
4922-35L
4922-36L
4922-37L
4922-38L
4922-39L
4922-40L
4922-41L
4922-42L
4922-43L
4922-44L
4922-45L
4922-46L
4922-47L
4922-48L
4922-49L
4922-50L
4922-51L
4922-52L
4922-53L
OPTIONAL TOLERANCES:
VALUES < 10µH: K=10% J=5%
VALUES > 10µH: K=10% J=5% H=3%


Similar Part No. - 4922-821L

ManufacturerPart #DatasheetDescription
logo
API Delevan
4922-821L API-4922-821L Datasheet
1Mb / 1P
   Surface Mount High Current Power Inductors
More results

Similar Description - 4922-821L

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8402-XXX FILTRAN-8402-XXX Datasheet
189Kb / 1P
   Inductors Surface Mount High Current Power Inductors
logo
API Delevan
8532-46K API-8532-46K Datasheet
1Mb / 1P
   High Current Surface Mount Power Inductors
logo
List of Unclassifed Man...
8532-01L ETC1-8532-01L Datasheet
33Kb / 1P
   High Current Surface Mount Power Inductors
logo
API Delevan
8532R API-8532R Datasheet
1Mb / 1P
   High Current Surface Mount Power Inductors
4922R API-4922R Datasheet
1Mb / 1P
   Surface Mount High Current Power Inductors
logo
List of Unclassifed Man...
HM75 ETC1-HM75 Datasheet
244Kb / 2P
   High Current Surface Mount Inductors
logo
Vishay Siliconix
IHSM7832ER103L VISHAY-IHSM7832ER103L Datasheet
80Kb / 2P
   High Current, Surface Mount Inductors
Revision: 05-Feb-11
IDC-1813 VISHAY-IDC-1813 Datasheet
111Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Jun-17
IHSM-7832 VISHAY-IHSM-7832_13 Datasheet
86Kb / 2P
   High Current, Surface Mount Inductors
Revision: 20-Sep-13
IDCP1813ER470M VISHAY-IDCP1813ER470M Datasheet
97Kb / 2P
   High Current, Surface Mount Inductors
Revision: 24-Feb-11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com