Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2185MBCA-266 Datasheet(PDF) 11 Page - Analog Devices

Part # ADSP-2185MBCA-266
Description  DSP Microcomputer
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2185MBCA-266 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADSP-2185MBCA-266 Datasheet HTML 7Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 8Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 9Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 10Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 11Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 12Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 13Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 14Page - Analog Devices ADSP-2185MBCA-266 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
REV. 0
ADSP-2185M
–11–
CLKIN
XTAL
CLKOUT
DSP
Figure 3. External Crystal Connections
RESET
The
RESET signal initiates a master reset of the ADSP-2185M.
The
RESET signal must be asserted during the power-up
sequence to assure proper initialization.
RESET during initial
power-up must be held long enough to allow the internal clock
to stabilize. If
RESET is activated any time after power-up, the
clock continues to run and does not require stabilization time.
The power-up sequence is defined as the total time required for the
crystal oscillator circuit to stabilize after a valid VDD is applied to
the processor, and for the internal phase-locked loop (PLL) to lock
onto the specific crystal frequency. A minimum of 2000 CLKIN
cycles ensures that the PLL has locked but does not include the
crystal oscillator start-up time. During this power-up sequence
the
RESET signal should be held low. On any subsequent resets,
the
RESET signal must meet the minimum pulsewidth specifi-
cation, tRSP.
The
RESET input contains some hysteresis; however, if an
RC circuit is used to generate the
RESET signal, the use of an
external Schmidt trigger is recommended.
The master reset sets all internal stack pointers to the empty stack
condition, masks all interrupts, and clears the MSTAT register.
When
RESET is released, if there is no pending bus request and
the chip is configured for booting, the boot-loading sequence is
Table II. Modes of Operation
MODE D
MODE C
MODE B
MODE A
Booting Method
X
0
0
0
BDMA feature is used to load the first 32 program memory words from
the byte memory space. Program execution is held off until all 32 words
have been loaded. Chip is configured in Full Memory Mode.
1
X
010No automatic boot operations occur. Program execution starts at external
memory location 0. Chip is configured in Full Memory Mode. BDMA can
still be used, but the processor does not automatically use or wait for these
operations.
0100
BDMA feature is used to load the first 32 program memory words from
the byte memory space. Program execution is held off until all 32 words
have been loaded. Chip is configured in Host Mode.
IACK has active
pull-down. (REQUIRES ADDITIONAL HARDWARE).
0101IDMA feature is used to load any internal memory as desired. Program
execution is held off until internal program memory location 0 is written
to. Chip is configured in Host Mode.
IACK has active pull-down.1
1100
BDMA feature is used to load the first 32 program memory words from
the byte memory space. Program execution is held off until all 32 words
have been loaded. Chip is configured in Host Mode;
IACK requires exter-
nal pull down. (REQUIRES ADDITIONAL HARDWARE)
1101IDMA feature is used to load any internal memory as desired. Program
execution is held off until internal program memory location 0 is written
to. Chip is configured in Host Mode.
IACK requires external pull-down.1
NOTE
1Considered as standard operating settings. Using these configurations allows for easier design and better memory management.
performed. The first instruction is fetched from on-chip pro-
gram memory location 0x0000 once boot loading completes.
Power Supplies
The ADSP-2185M has separate power supply connections for
the internal (VDDINT) and external (VDDEXT) power supplies.
The internal supply must meet the 2.5 V requirement. The
external supply can be connected to either a 2.5 V or 3.3 V supply.
All external supply pins must be connected to the same supply.
All input and I/O pins can tolerate input voltages up to 3.6 V,
regardless of the external supply voltage. This feature provides
maximum flexibility in mixing 2.5 V and 3.3 V components.
MODES OF OPERATION
Setting Memory Mode
Memory Mode selection for the ADSP-2185M is made during
chip reset through the use of the Mode C pin. This pin is multi-
plexed with the DSP’s PF2 pin, so care must be taken in how
the mode selection is made. The two methods for selecting the
value of Mode C are active and passive.
Passive Configuration
Passive Configuration involves the use a pull-up or pull-down
resistor connected to the Mode C pin. To minimize power con-
sumption, or if the PF2 pin is to be used as an output in the DSP
application, a weak pull-up or pull-down, on the order of 10 k
Ω,
can be used. This value should be sufficient to pull the pin to the
desired level and still allow the pin to operate as a programmable
flag output without undue strain on the processor’s output driver.
For minimum power consumption during power-down, recon-
figure PF2 to be an input, as the pull-up or pull-down will
hold the pin in a known state, and will not switch.


Similar Part No. - ADSP-2185MBCA-266

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185MBCA-266 AD-ADSP-2185MBCA-266 Datasheet
294Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2185MBCA-266 AD-ADSP-2185MBCA-266 Datasheet
294Kb / 40P
   DSP Microcomputer
REV. 0
More results

Similar Description - ADSP-2185MBCA-266

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2185L AD-ADSP-2185L Datasheet
223Kb / 31P
   DSP Microcomputer
ADSP-2186M AD-ADSP-2186M Datasheet
288Kb / 40P
   DSP Microcomputer
REV. 0
ADSP-2183 AD-ADSP-2183 Datasheet
252Kb / 31P
   DSP Microcomputer
REV. C
ADSP-2184 AD-ADSP-2184 Datasheet
213Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184L AD-ADSP-2184L Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2184 AD-ADSP-2184_15 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
ADSP-2185 AD-ADSP-2185_15 Datasheet
291Kb / 32P
   DSP Microcomputer
REV. 0
ADSP-2189M AD-ADSP-2189M_15 Datasheet
244Kb / 32P
   DSP Microcomputer
REV. A
ADSP-21065L AD-ADSP-21065L Datasheet
488Kb / 44P
   DSP Microcomputer
REV. C
ADSP-2186BSTZ-160 AD-ADSP-2186BSTZ-160 Datasheet
261Kb / 36P
   DSP Microcomputer
REV. B
ADSP-2184BSTZ-160 AD-ADSP-2184BSTZ-160 Datasheet
216Kb / 31P
   DSP Microcomputer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com