Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQY210LSZ Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AQY210LSZ
Description  GU (General Use) Type SOP Series 1-Channel (Form A) Current Limit Function 4-Pin Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQY210LSZ Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQY210LSZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQY210LSZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQY210LSZ Datasheet HTML 3Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
AQY210LS
102
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Note: Recommendable LED forward current IF= 5 mA.
For type of connection, see page 31.
*Turn on/Turn off time
Item
Symbol
AQY210LS
Condition
Input
LED operate
current
Typical
IFon
0.9 mA
IL = Max.
Maximum
3 mA
LED turn off
current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
0.85 mA
LED dropout
voltage
Minimum
VF
1.14 (1.25 V at IF = 50mA)
IF = 5 mA
Typical
1.5 V
Output
On resistance
Typical
Ron
20
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
25
Off state leak-
age current
Maximum
ILeak
1
µA
IF = 0
VL = Max.
Current limit
Typical
0.18 A
IF = 5 mA
Transfer char-
acteristics
Turn on time*
Typical
Ton
0.3 ms
IF = 5 mA
IL = Max.
Maximum
2.0 ms
Turn off time*
Typical
Toff
0.05 ms
IF = 5 mA
IL = Max.
Maximum
1.0 ms
I/O capacitance
Typical
Ciso
0.8 pF
f = 1 MHz
VB = 0
Maximum
1.5 pF
Initial I/O isola-
tion resistance
Minimum
Riso
1,000 M
500 V DC
Ton
Input
Output
10%
90%
Toff
REFERENCE DATA
1. Load current vs. ambient temperature char-
acteristics
Allowable ambient temperature:
–40
°C to +85°C
–40
°F to +185°F
2. On resistance vs. ambient temperature char-
acteristics
Measured portion: between terminals 3 and 4;
LED current: 5 mA; Load voltage: Max. (DC)
Continuous load current: Max.(DC)
3. Turn on time vs. ambient temperature char-
acteristics
LED current: 5 mA; Load voltage: Max.(DC);
Continuous load current: Max.(DC)
Ambient temperature,
°C
–40
20
40
60
120
100
80
60
40
20
0
140
0
–20
80 85 100
120
100
80
60
40
20
140
Ambient temperature,
°C
0
10
20
30
40
–40
–20
50
020
40
60
80 85
Ambient temperature,
°C
0
1.0
1.5
–40
–20
2.5
020
40
60
80 85
0.5
2.0
3.0
s For Dimensions, see Page 28.
s For Schematic and Wiring Diagrams, see Page 31.
s For Cautions for Use, see Page 36.


Similar Part No. - AQY210LSZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
logo
Panasonic Semiconductor
AQY210EH PANASONIC-AQY210EH Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
logo
Nais(Matsushita Electri...
AQY210EHA NAIS-AQY210EHA Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
logo
Panasonic Semiconductor
AQY210EHA PANASONIC-AQY210EHA Datasheet
956Kb / 5P
   High cost-performance DIP4-pin type with reinforced insulation
More results

Similar Description - AQY210LSZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQY210 NAIS-AQY210 Datasheet
37Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form A) 4-Pin Type
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
AQV212S NAIS-AQV212S Datasheet
44Kb / 3P
   GU (General Use) Type SOP Series [1-Channel (Form A) Type]
AQY14 NAIS-AQY14 Datasheet
45Kb / 3P
   GU (General Use) Type SOP Series 1- Channel (Form B) 4-Pin Type
AQY210EH NAIS-AQY210EH Datasheet
44Kb / 3P
   GU (General Use)-E Type 1-Channel (Form A) 4-pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
logo
Panasonic Battery Group
AQY280EHAX PANASONICBATTERY-AQY280EHAX Datasheet
146Kb / 4P
   GU (General Use) Type [1, 2-Channel (Form A) 4, 8-Pin Type]
logo
Nais(Matsushita Electri...
AQY410EH NAIS-AQY410EH Datasheet
49Kb / 3P
   GU (General Use)-E Type 1-Channel (Form B) 4-pin Type
logo
Panasonic Battery Group
AQW284EH PANASONICBATTERY-AQW284EH Datasheet
153Kb / 4P
   GU (General Use)-E Type [1, 2-Channel (Form A) 4, 6-Pin Type]
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com