Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS251D Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74ALS251D
Description  8-input multiplexer 3-State
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS251D Datasheet(HTML) 2 Page - NXP Semiconductors

  74ALS251D Datasheet HTML 1Page - NXP Semiconductors 74ALS251D Datasheet HTML 2Page - NXP Semiconductors 74ALS251D Datasheet HTML 3Page - NXP Semiconductors 74ALS251D Datasheet HTML 4Page - NXP Semiconductors 74ALS251D Datasheet HTML 5Page - NXP Semiconductors 74ALS251D Datasheet HTML 6Page - NXP Semiconductors 74ALS251D Datasheet HTML 7Page - NXP Semiconductors 74ALS251D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74ALS251
8-input multiplexer (3-State)
2
1991 Feb 08
853–1377 01670
FEATURES
8-to-1 multiplexing
On chip decoding
Multifunction capability
Inverting and non-inverting outputs
Both outputs are 3-State for further multiplexer expansion
DESCRIPTION
The 74ALS251 is a logic implementation of a single 8-position
switch with the switch position controlled by the state of three select
(S0, S1, S2) inputs. True (Y) and complementary (Y) outputs are
both provided.
The output enable (OE) is active Low. When OE is High, both
outputs are in High impedance state, allowing multiple connections
to a common bus without driving nor loading the bus significantly.
When the outputs of more than one device are tied together, the
user must ensure that there is no overlap in the active-Low portion
of the output enable voltages in order to avoid high currents that
could exceed the maximum current rating.
TYPE
TYPICAL
PROPAGATION DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74ALS251
7.0ns
7.5mA
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
OE
VCC
I7
S0
S1
I6
I4
I5
I3
I2
Y
I1
I0
Y
9
8
GND
S2
SC00066
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
DRAWING
NUMBER
16-pin plastic DIP
74ALS251N
SOT38-4
16-pin plastic SO
74ALS251D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74ALS (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
I0 – I7
Data inputs
1.0/1.0
20
µA/0.1mA
S0 – S2
Select inputs
1.0/1.0
20
µA/0.1mA
OE
Output Enable input (active-Low)
1.0/1.0
20
µA/0.1mA
Y, Y
Data outputs
130/240
2.5mA/24mA
NOTE:
One (1.0) ALS unit load is defined as: 20
µA in the High state and 0.1mA in the Low state.
LOGIC SYMBOL
VCC = Pin 16
GND = Pin 8
SC00067
9
7
S2
OE
4
3
2
1
15
14
13
I0
I1
I2
I3
I4
I5
I6
YY
56
12
I7
10
S1
11
S0
IEC/IEEE SYMBOL
SC00068
MUX
7
11
5
6
0
G
0
7
10
2
9
4
3
2
1
15
14
13
12
EN


Similar Part No. - 74ALS251D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS253 PHILIPS-74ALS253 Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74ALS253D PHILIPS-74ALS253D Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74ALS253DB PHILIPS-74ALS253DB Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74ALS253N PHILIPS-74ALS253N Datasheet
115Kb / 9P
   Dual 4-input multiplexer 3-State
1991 Feb 08
74ALS257 PHILIPS-74ALS257 Datasheet
129Kb / 11P
   Data selector/multiplexer
1991 Feb 08
More results

Similar Description - 74ALS251D

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT251 NEXPERIA-74HCT251 Datasheet
263Kb / 16P
   8-input multiplexer; 3-state
Rev. 6 - 8 February 2021
logo
NXP Semiconductors
74LV251 PHILIPS-74LV251 Datasheet
116Kb / 12P
   8-input multiplexer 3-State
1998 May 20
logo
Nexperia B.V. All right...
74HC251-Q100 NEXPERIA-74HC251-Q100 Datasheet
268Kb / 17P
   8-input multiplexer; 3-state
logo
NXP Semiconductors
74HC251 PHILIPS-74HC251 Datasheet
53Kb / 7P
   8-input multiplexer; 3-state
December 1990
74F251A PHILIPS-74F251A Datasheet
46Kb / 5P
   8-input multiplexer 3-State
1996 Jan 05
74HC_HCT251 PHILIPS-74HC_HCT251_15 Datasheet
177Kb / 20P
   8-input multiplexer; 3-state
Rev. 3-9 July 2013
logo
List of Unclassifed Man...
74HC356 ETC1-74HC356 Datasheet
337Kb / 8P
   8-INPUT MULTIPLEXER / RESISTER 3-STATE
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
NXP Semiconductors
74HC356 PHILIPS-74HC356 Datasheet
79Kb / 13P
   8-input multiplexer/register; 3-state
December 1990
logo
Motorola, Inc
SN54LS251 MOTOROLA-SN54LS251 Datasheet
181Kb / 6P
   8-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com