Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LD3200-13 Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT49LD3200-13
Description  32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LD3200-13 Datasheet(HTML) 5 Page - ATMEL Corporation

  AT49LD3200-13 Datasheet HTML 1Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 2Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 3Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 4Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 5Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 6Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 7Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 8Page - ATMEL Corporation AT49LD3200-13 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5
AT49LD3200(B)
1940B–FLASH–11/01
Notes:
1. V
IH (max) = 4.6V for pulse width <10 ns acceptable, pulse width measured at 50% of pulse amplitude.
2. V
IL (min) = -1.5V for pulse width <10 ns acceptable, pulse width measured at 50% of pulse amplitude.
Note:
1. If CLK transition time is longer than 1 ns, timing parameters should be compensated. Add [(t
r + tf)/2-1] ns for transition time
longer than 1 ns. Transition time is measured between V
IL (max) and VIH (min).
DC and AC Operating Range
AT49LD3200(B)-10
AT49LD3200(B)-13
AT49LD3200(B)-20
Operating Temperature
(Case)
Commercial
0
°C - 70°C0°C - 70°C0°C - 70°C
Industrial
-40
°C - 85°C-40°C - 85°C-40°C - 85°C
VCC, VCCQ Power Supply
3.0V to 3.6V
3.0V to 3.6V
3.0V to 3.6V
DC Characteristics
Symbol
Parameter
Condition
Min
Max
Units
I
SB1
V
CC Standby Current CMOS
CKE = 0, t
CC = Min
20
mA
ISB2
VCC Standby Current TTL
CKE
£ V
IL (Max), tCC = Min
20
mA
I
SB3
V
CC Active Standby Current
CS
³ V
IH (Min), tCC = Min
50
mA
I
CC
V
CC Active Current
t
CC = Min, All Outputs Open
150
mA
I
IL
Input Leakage Current
0V
£ V
IN £ VDD + 0.3V
Pins not under test = 0V
-10
10
µA
I
OL
Output Leakage Current (IO
OUT
Disabled)
(0V
£ V
OUT £ VDD Max)
All Outputs in High-Z
-10
10
µA
V
IH
Input High Voltage, All Inputs
Note
(1)
2.0
V
DD + 0.3
V
V
IL
Input Low Voltage, All Inputs
Note
(2)
-0.3
0.8
V
VOH
Output High Voltage Level (Logic 1)
IOH = -2 mA
2.4
V
V
OL
Output Low Voltage Level (Logic 0)
I
OL = 2 mA
0.4
V
AC Operating Test Conditions
T
A = 0 to 70°C, VCC = 3.3V ± 0.3V, unless otherwise noted.
Parameter
(1)
Value
Timing Reference Levels of Input/Output Signals
1.4V
Input Signal Levels
V
IH/VIL = 2.4V/0.4V
Transition Time (Rise & Fall) of Input Signals
tr/tf = 1 ns/1 ns
Output Load
LVTTL


Similar Part No. - AT49LD3200-13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33JC ATMEL-AT49LH002-33JC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33TC ATMEL-AT49LH002-33TC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004-33JC ATMEL-AT49LH004-33JC Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
More results

Similar Description - AT49LD3200-13

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com