Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49LD3200B-10 Datasheet(PDF) 6 Page - ATMEL Corporation

Part # AT49LD3200B-10
Description  32-megabit (1M x 32 or 2M x 16) High-speed Synchronous Flash Memory
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49LD3200B-10 Datasheet(HTML) 6 Page - ATMEL Corporation

Back Button AT49LD3200B-10 Datasheet HTML 2Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 3Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 4Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 5Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 6Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 7Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 8Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 9Page - ATMEL Corporation AT49LD3200B-10 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6
AT49LD3200(B)
1940B–FLASH–11/01
Figure 1. DC Output Load Circuit
Figure 2. AC Output Load Circuit
Notes:
1. This parameter is characterized and is not 100% tested.
2. V
PP behaves as an output pin.
Pin Capacitance(1)
f = 1 MHz, T = 25°C
Symbol
Typ
Max
Units
Conditions
C
IN
46
pF
V
IN = 0V
COUT
(2)
812
pF
VOUT = 0V
3.3V
1200
870
Output
50 pF
V
OH (DC) = 2.4V, I OH= -2 mA
V
OL (DC) = 0.4V, I OL= 2 mA
Vtt = 1.4V
50
Output
50pF
Z0 = 50


Similar Part No. - AT49LD3200B-10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49LH002 ATMEL-AT49LH002 Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33JC ATMEL-AT49LH002-33JC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH002-33TC ATMEL-AT49LH002-33TC Datasheet
354Kb / 36P
   2-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004 ATMEL-AT49LH004 Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
AT49LH004-33JC ATMEL-AT49LH004-33JC Datasheet
326Kb / 36P
   4-megabit Firmware Hub and Low-Pin Count Flash Memory
More results

Similar Description - AT49LD3200B-10

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49SV322D ATMEL-AT49SV322D Datasheet
519Kb / 32P
   32-megabit (2M x 16) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com