Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT91M42800-33AI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT91M42800-33AI
Description  AT91 ARM Thumb Microcontrollers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91M42800-33AI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT91M42800-33AI Datasheet HTML 1Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 2Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 3Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 4Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 5Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 6Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 7Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 8Page - ATMEL Corporation AT91M42800-33AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1
Features
Utilizes the ARM7TDMIARM Thumb Processor Core
– High-performance 32-bit RISC Architecture
– High-density 16-bit Instruction Set
– Leader in MIPS/Watt
– Embedded ICE (In-Circuit Emulation)
8K Bytes Internal RAM
Fully Programmable External Bus Interface (EBI)
– Maximum External Address Space of 64M Bytes
– Up to 8 Chip Selects
– Software Programmable 8/16-bit External Data Bus
8-channel Peripheral Data Controller
8-level Priority, Individually Maskable, Vectored Interrupt Controller
– 5 External Interrupts, Including a High-priority, Low-latency Interrupt Request
54 Programmable I/O Lines
6-channel 16-bit Timer/Counter
– 6 External Clock Inputs
– 2 Multi-purpose I/O Pins per Channel
2 USARTs
– 2 Dedicated Peripheral Data Controller (PDC) Channels per USART
– Support for up to 9-bit Data Transfers
2 Master/Slave SPI Interfaces
– 2 Dedicated Peripheral Data Controller (PDC) Channels per SPI
– 8- to 16-bit Programmable Data Length
– 4 External Slave Chip Selects per SPI
3 System Timers:
– Period Interval Timer (PIT); Real-time Timer (RTT); Watchdog Timer (WDT)
Power Management Controller (PMC)
– CPU and Peripherals Can be Deactivated Individually
Clock Generator with 32.768 kHz Low-power Oscillator and PLL
– Support for 31.25 kHz and 38.4 kHz Crystals
– Software Programmable System Clock (up to 33 MHz)
IEEE 1149.1 JTAG Boundary Scan on All Active Pins
Fully Static Operation: 0 Hz to 33 MHz (17 MHz at 1.8V)
1.8V to 3.6V Core Operating Voltage Range; 2.7V to 5.5V I/O Operating Voltage Range
-40
°C to +85°C Operating Temperature Range
Available in a 144-lead TQFP Package and in 144-ball BGA Package
Description
The AT91M42800 Microcontroller is a member of the Atmel AT91 16/32-bit Microcon-
troller family, which is based on the ARM7TDMI processor core. This processor has a
high-performance 32-bit RISC architecture with a high-density 16-bit instruction set
and very low power consumption. In addition, a large number of internally banked reg-
isters result in very fast exception handling, making the device ideal for real-time
control applications. The AT91 ARM-based MCU family also features Atmel’s high-
density, in-system programmable, nonvolatile memory technology. The AT91M42800
has a direct connection to off-chip memory, including Flash, through the External Bus
Interface.
The Power Management Controller allows the user to adjust the device activity
according to system requirements, and, with the 32.768 kHz low-power oscillator,
enables the AT91M42800 to reduce power requirements to an absolute minimum.
The AT91M42800 is manufactured using Atmel’s high-density CMOS technology. By
combining the ARM7TDMI processor core with on-chip SRAM and a wide range of
peripheral functions including timers, serial communication controllers and a versatile
clock generator on a monolithic chip, the AT91M42800 provides a highly flexible and
cost-effective solution to many compute-intensive applications.
AT91
ARM® Thumb®
Microcontrollers
AT91M42800
Summary
Rev. 1328AS–06/00


Similar Part No. - AT91M42800-33AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91M42800A ATMEL-AT91M42800A Datasheet
382Kb / 23P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A Datasheet
2Mb / 198P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A Datasheet
423Kb / 27P
   AT91 ARM Thumb Microcontrollers
AT91M42800A-33AI ATMEL-AT91M42800A-33AI Datasheet
382Kb / 23P
   AT91 ARM Thumb Microcontrollers
More results

Similar Description - AT91M42800-33AI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91C140 ATMEL-AT91C140_05 Datasheet
2Mb / 174P
   AT91 ARM Thumb Microcontrollers
AT91M40400 ATMEL-AT91M40400_99 Datasheet
1Mb / 116P
   AT91 ARM Thumb Microcontrollers
AT91SAM9260 ATMEL-AT91SAM9260 Datasheet
910Kb / 45P
   AT91 ARM Thumb Microcontrollers
AT91FR40162 ATMEL-AT91FR40162 Datasheet
250Kb / 22P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_1 Datasheet
12Mb / 832P
   AT91 ARM Thumb Microcontrollers
AT91SAM9G20 ATMEL-AT91SAM9G20_09 Datasheet
996Kb / 42P
   AT91 ARM Thumb Microcontrollers
AT91R40807 ATMEL-AT91R40807_02 Datasheet
221Kb / 19P
   AT91 ARM Thumb Microcontrollers
AT91M40800 ATMEL-AT91M40800_1 Datasheet
1Mb / 153P
   AT91 ARM Thumb Microcontrollers
AT91M42800A ATMEL-AT91M42800A_06 Datasheet
2Mb / 224P
   AT91 ARM Thumb Microcontrollers
AT91SAM9XE128 ATMEL-AT91SAM9XE128_10 Datasheet
1Mb / 48P
   AT91 ARM Thumb Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com