Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV320-90TI Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT49BV320-90TI
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV320-90TI Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT49BV320-90TI Datasheet HTML 3Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 4Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 5Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 6Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 7Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 8Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 9Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 10Page - ATMEL Corporation AT49BV320-90TI Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7
AT49BV/LV320(T)/321(T)
1494H–FLASH–01/03
the system must write the Product ID Exit command to return to the read mode. The
erase/program status bit is a “0” while the erase or program operation is still in progress.
Please see “Status Bit Table” on page 11 for more details.
VPP STATUS BIT: The AT49BV/LV32X(T) provides a status bit on I/O3, which provides infor-
mation regarding the voltage level of the VPP pin. During a program or erase operation, if the
voltage on the VPP pin is not high enough to perform the desired operation successfully, the
I/O3 status bit will be a “1”. Once the VPP status bit has been set to a “1”, the system must
write the Product ID Exit command to return to the read mode. On the other hand, if the volt-
age level is high enough to perform a program or erase operation successfully, the VPP status
bit will output a “0”. Please see “Status Bit Table” on page 11 for more details.
SECTOR LOCKDOWN: Each sector has a programming lockdown feature. This feature pre-
vents programming of data in the designated sectors once the feature has been enabled.
These sectors can contain secure code that is used to bring up the system. Enabling the lock-
down feature will allow the boot code to stay in the device while data in the rest of the device is
updated. This feature does not have to be activated; any sector’s usage as a write-protected
region is optional to the user.
At power-up or reset, all sectors are unlocked. To activate the lockdown for a specific sector,
the six-bus cycle Sector Lockdown command must be issued. Once a sector has been locked
down, the contents of the sector is read-only and cannot be erased or programmed.
SECTOR LOCKDOWN DETECTION: A software method is available to determine if program-
ming of a sector is locked down. When the device is in the software product identification
mode (see “Software Product Identification Entry/Exit” sections on page 25), a read from
address location 00002H within a sector will show if programming the sector is locked down. If
the data on I/O0 is low, the sector can be programmed; if the data on I/O0 is high, the program
lockdown feature has been enabled and the sector cannot be programmed. The software
product identification exit code should be used to return to standard operation.
SECTOR LOCKDOWN OVERRIDE: The only way to unlock a sector that is locked down is
through reset or power-up cycles. After power-up or reset, the content of a sector that is
locked down can be erased and reprogrammed.
ERASE SUSPEND/ERASE RESUME: The Erase Suspend command allows the system to
interrupt a sector or chip erase operation and then program or read data from a different sector
within the memory. After the Erase Suspend command is given, the device requires a maxi-
mum time of 15 µs to suspend the erase operation. After the erase operation has been
suspended, the system can then read data or program data to any other sector within the
device. An address is not required during the Erase Suspend command. During a sector erase
suspend, another sector cannot be erased. To resume the sector erase operation, the system
must write the Erase Resume command. The Erase Resume command is a one-bus cycle
command. The device also supports an erase suspend during a complete chip erase. While
the chip erase is suspended, the user can read from any sector within the memory that is pro-
tected. The command sequence for a chip erase suspend and a sector erase suspend are the
same.
PROGRAM SUSPEND/PROGRAM RESUME: The Program Suspend command allows the
system to interrupt a programming operation and then read data from a different byte/word
within the memory. After the Program Suspend command is given, the device requires a max-
imum of 20 µs to suspend the programming operation. After the programming operation has
been suspended, the system can then read data from any other byte/word within the device.
An address is not required during the program suspend operation. To resume the program-
ming operation, the system must write the Program Resume command. The program suspend
and resume are one-bus cycle commands. The command sequence for the erase suspend
and program suspend are the same, and the command sequence for the erase resume and
program resume are the same.


Similar Part No. - AT49BV320-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320AT ATMEL-AT49BV320AT Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320C-70CI ATMEL-AT49BV320C-70CI Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320C-70TI ATMEL-AT49BV320C-70TI Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results

Similar Description - AT49BV320-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com