Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV320-11UI Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT49BV320-11UI
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV320-11UI Datasheet(HTML) 1 Page - ATMEL Corporation

  AT49BV320-11UI Datasheet HTML 1Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 2Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 3Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 4Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 5Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 6Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 7Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 8Page - ATMEL Corporation AT49BV320-11UI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1
Features
Single Voltage Read/Write Operation: 2.65V to 3.3V (BV), 3.0V to 3.6V (LV)
Access Time–85ns
Sector Erase Architecture
– Sixty-three 32K Word (64K Bytes) Sectors with Individual Write Lockout
– Eight 4K Word (8K Bytes) Sectors with Individual Write Lockout
Fast Word Program Time – 15 µs
Fast Sector Erase Time – 200 ms
Suspend/Resume Feature for Erase and Program
– Supports Reading and Programming from Any Sector by Suspending Erase
of a Different Sector
– Supports Reading Any Byte/Word by Suspending Programming of Any
Other Byte/Word
Low-power Operation
–25 mA Active
– 10 µA Standby
Data Polling, Toggle Bit, Ready/Busy for End of Program Detection
VPP Pin for Write Protection
RESET Input for Device Initialization
Sector Lockdown Support
TSOP, CBGA and µBGA Package Options
Top or Bottom Boot Block Configuration Available
128-bit Protection Register
Description
The AT49BV/LV32X(T) is a 3.0-volt 32-megabit Flash m em or y organized as
2,097,152 words of 16 bits each or 4,194,304 bytes of 8 bits each. The x16 data
appears on I/O0 - I/O15; the x8 data appears on I/O0 - I/O7. The memory is divided
into 71 sectors for erase operations. The device is offered in 48-lead TSOP, and
48-ball CBGA and µBGA packages. The device has CE and OE control signals to
avoid any bus contention. This device can be read or reprogrammed using a single
power supply, making it ideally suited for in-system programming.
32-megabit
(2Mx 16/4Mx8)
3-volt Only
Flash Memory
AT49BV320
AT49BV320T
AT49BV321
AT49BV321T
AT49LV320
AT49LV320T
AT49LV321
AT49LV321T
Recommend Using
AT49BV320A(T)/322A(T)
for New Designs.
Pin Configurations
Pin Name
Function
A0 - A20
Addresses
CE
Chip Enable
OE
Output Enable
WE
Write Enable
RESET
Reset
RDY/BUSY
READY/BUSY Output
VPP
Write Protection
I/O0 - I/O14
Data Inputs/Outputs
I/O15 (A-1)
I/O15 (Data Input/Output, Word Mode)
A-1 (LSB Address Input, Byte Mode)
BYTE
Selects Byte or Word Mode
NC
No Connect
VCCQ
Output Power Supply
Rev. 1494H–FLASH–01/03


Similar Part No. - AT49BV320-11UI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320AT ATMEL-AT49BV320AT Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320C-70CI ATMEL-AT49BV320C-70CI Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320C-70TI ATMEL-AT49BV320C-70TI Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
More results

Similar Description - AT49BV320-11UI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com