Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QL82SD-PS484 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # QL82SD-PS484
Description  10 High Speed Bus LVDS Serial Links bandwidth up to 5 Gbps
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL82SD-PS484 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button QL82SD-PS484 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 9Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 10Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 11Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 12Page - List of Unclassifed Manufacturers QL82SD-PS484 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
© 2002 QuickLogic Corporation
QL82SD Device Data Sheet Rev C
Preliminary
9
www.quicklogic.com
Bus LVDS DC Specifications
Over the operating range, RxVcc = 3.0 V to 3.6 V.
NOTE: Apply to pad_ChX_p/n, pad_ClkX_p/n
Figure 4: Output Differential Voltage
Table 10: Serializer / Transmitter
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VOD
Output Differential Voltage,
pad_ChX_p - Pad_ChX_n
Figure 4
Figure 5
RL = 27Ω
240
325
420
mV
VOS
Offset Voltage
0.90
1.10
1.30
V
IOS
Output Short Circuit Current
DO = 0 V,
DIN + H,
EN + OE + VCC
20
25
35
mA
IOZ
Tri-State Output Current
DO = 0 V/VCC,
EN = 0
-25
±10
25
µA
IOX
Power-Off Output Current
VCC - 0 V,
DO = 0 V/VCC
-25
±10
25
µA
Table 11: Deserializer / Receiver
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VTH
Differential Threshold High Voltage
Figure 6
VCM = 1.1 V
n/a
35
50
mV
VTL
Differential Threshold Low Voltage
-50
-35
n/a
mV
IIN
Input Current
VIN = 0 V,
VCC = 0 V / 3.6 V
-25
±825µA
VIN = 2.4 V,
VCC = 0 V / 3.6 V
-25
±8
25
µA
D out +
D out -


Similar Part No. - QL82SD-PS484

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QL8250 ETC-QL8250 Datasheet
739Kb / 49P
   LOW POWER FPGA COMBINING PERFORMANCE DENSITY AND EMBEDED RAM
More results

Similar Description - QL82SD-PS484

ManufacturerPart #DatasheetDescription
logo
FCI connector
58441-001LF FCI-CONNECTOR-58441-001LF Datasheet
287Kb / 4P
   EYEMAX짰 4X HIGH-SPEED SERIAL I/O LINKS
logo
Molex Electronics Ltd.
75003-0305 MOLEX-75003-0305 Datasheet
694Kb / 2P
   High Speed Mezzanine for 10.0 Gbps Bandwidth
logo
Maxim Integrated Produc...
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9205 MAXIM-MAX9205_14 Datasheet
175Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 2; 10/12
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9205 MAXIM-MAX9205_10 Datasheet
320Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 1; 11/10
MAX9205 MAXIM-MAX9205 Datasheet
180Kb / 13P
   10-Bit Bus LVDS Serializers
Rev 0; 5/01
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
logo
Microsemi Corporation
VSC7440 MICROSEMI-VSC7440 Datasheet
6Mb / 444P
   L2/L3 Enterprise Gigabit Ethernet Switch with 10 Gbps Links
logo
Hirose Electric
IT3D-100S-BGA37 HIROSE-IT3D-100S-BGA37 Datasheet
1Mb / 20P
   High-Speed(10Gbps) BGA Mezzanine Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com