Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV321-90TI Datasheet(PDF) 8 Page - ATMEL Corporation

Part # AT49BV321-90TI
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV321-90TI Datasheet(HTML) 8 Page - ATMEL Corporation

Back Button AT49BV321-90TI Datasheet HTML 4Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 5Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 6Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 7Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 8Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 9Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 10Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 11Page - ATMEL Corporation AT49BV321-90TI Datasheet HTML 12Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
8
AT49BV/LV320(T)/321(T)
1494H–FLASH–01/03
PRODUCT IDENTIFICATION: The product identification mode identifies the device and man-
ufacturer as Atmel. It may be accessed by hardware or software operation. The hardware
operation mode can be used by an external programmer to identify the correct programming
algorithm for the Atmel product.
For details, see “Operating Modes” on page 18 (for hardware operation) or “Software Product
Identification Entry/Exit” sections on page 25. The manufacturer and device codes are the
same for both modes.
128-BIT PROTECTION REGISTER: The AT49BV/LV32X(T) contains a 128-bit register that
can be used for security purposes in system design. The protection register is divided into two
64-bit blocks. The two blocks are designated as block A and block B. The data in block A is
non-changeable and is programmed at the factory with a unique number. The data in block B
is programmed by the user and can be locked out such that data in the block cannot be repro-
grammed. To program block B in the protection register, the four-bus cycle Program
Protection Register command must be used as shown in the “Command Definition in Hex”
table on page 12. To lock out block B, the four-bus cycle Lock Protection Register command
must be used as shown in the “Command Definition in Hex” table. Data bit D1 must be zero
during the fourth bus cycle. All other data bits during the fourth bus cycle are don’t cares. To
determine whether block B is locked out, the Product ID Entry command is given followed by a
read operation from address 80H. If data bit D1 is zero, block B is locked. If data bit D1 is one,
block B can be reprogrammed. Please see the “Protection Register Addressing Table” on
page 13 for the address locations in the protection register. To read the protection register, the
Product ID Entry command is given followed by a normal read operation from an address
within the protection register. After determining whether block B is protected or not, or reading
the protection register, the Product ID Exit command must be given prior to performing any
other operation.
RDY/BUSY: For the AT49BV/LV321(T), an open-drain READY/BUSY output pin provides
another method of detecting the end of a program or erase operation. RDY/BUSY is actively
pulled low during the internal program and erase cycles and is released at the completion of
the cycle. The open-drain connection allows for OR-tying of several devices to the same
RDY/BUSY line. Please see “Status Bit Table” on page 11 for more details.
HARDWARE DATA PROTECTION: The Hardware Data Protection feature protects against
inadvertent programs to the AT49BV/LV32X(T) in the following ways: (a) VCC sense: if VCC is
below 1.8V (typical), the program function is inhibited. (b) VCC power-on delay: once VCC has
reached the VCC sense level, the device will automatically time out 10 ms (typical) before pro-
gramming. (c) Program inhibit: holding any one of OE low, CE high or WE high inhibits
program cycles. (d) Noise filter: pulses of less than 15 ns (typical) on the WE or CE inputs will
not initiate a program cycle. (e) Program inhibit: VPP is less than VILPP.(f) VPP power-on delay:
once VPP has reached 1.65V, program and erase operations are inhibited for 100 ns.
INPUT LEVELS: While operating with a 2.65V to 3.6V power supply, the address inputs and
control inputs (OE,CE and WE) may be driven from 0 to 5.5V without adversely affecting the
operation of the device. The I/O lines can only be driven from 0 to VCC +0.6V.
OUTPUT LEVELS: For the AT49BV/LV320(T), output high levels (VOH) are equal to VCCQ -
0.2V (not VCC). For 2.65V - 3.6V output levels, VCCQ must be tied to VCC. For 1.8V - 2.2V out-
put levels, VCCQ must be regulated to 2.0V ± 10%, while VCC must be regulated to 2.65V - 3.0V
(for minimum power).


Similar Part No. - AT49BV321-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-11CI ATMEL-AT49BV3218-11CI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-11TI ATMEL-AT49BV3218-11TI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-85CI ATMEL-AT49BV3218-85CI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-85TI ATMEL-AT49BV3218-85TI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV321-90TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com