Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EC3592R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # EC3592R
Description  PS/2 Mouse Controller with Auto-Ref
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

EC3592R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  EC3592R Datasheet HTML 1Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 2Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 3Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 4Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 5Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 6Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 7Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 8Page - List of Unclassifed Manufacturers EC3592R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PS/2 Mouse Controller with Auto-Ref
EC3592R
.
.
飛虹積體電路股份有限公司
Page 4 of 11
TEL:(03)5785888
FAX:(03)5783630
VERSION 1.1
maximum rating may affect device reliability.
DC ELECTRICAL CHARACTERISTICS
(NOTE: VDD =5V, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Operating Voltage
Vdd
4.5
5
5.5
V
Operating current (No load)
Iop
1.0
2.5
mA
PX1/PX2/PY1/PY2 Input range
Vir
0.1
3.2
V
PX1/PX2/PY1/PY2 Input amplitude
Via
0.6
V
PX1/PX2/PY1/PY2 Internal Resistor
Rpxy
12
BL/BM/BR Input High Voltage
Vih
3.2
V
BL/BM/BR Input Low Voltage
Vil
1.3
V
BL/BM/BR Internal Pull-down
Resistor
Rbut
50
CLOCK/DATA Output Current
(Vol. =0.5V)
Iol
8
mA
CLOCK/DATA Internal Pull-up
Resistor
Rcd
5
PX1/PX2/PY1/PY2/BL/BM/BR
Input Leakage Current
(Vih = 5V)
Iih
2
uA
AC ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Oscillator Frequency
R=270 KΩ
Foscr
62
75
90
KHz
BL/BM/BR Button Debounce Time
Tbd
43
ms


Similar Part No. - EC3592R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597AR ETC2-EC3597AR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597BR ETC2-EC3597BR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597CR ETC2-EC3597CR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
EC3597DR ETC2-EC3597DR Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
More results

Similar Description - EC3592R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
logo
Rohm
BU9206 ROHM-BU9206 Datasheet
62Kb / 6P
   PS / 2 Mouse Controller
logo
Zilog, Inc.
Z86319 ZILOG-Z86319 Datasheet
278Kb / 23P
   PS/2 MOUSE CONTROLLER
logo
Silan Microelectronics ...
SC84502AP SILAN-SC84502AP Datasheet
143Kb / 14P
   PS/2 MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT6523 HOLTEK-HT6523 Datasheet
125Kb / 9P
   PS/2 Mouse Controller
logo
List of Unclassifed Man...
EC3581-D ETC2-EC3581-D Datasheet
339Kb / 14P
   2-IN-1 PnP SERIAL MOUSE CONTROLLER WITH AUTO-REF
EC3586 ETC2-EC3586 Datasheet
158Kb / 8P
   EC3586 3D Serial Mouse Controller With Auto-Ref
logo
ELAN Microelectronics C...
EKM8025 EMC-EKM8025 Datasheet
609Kb / 17P
   USB & PS/2 Mouse Controller
logo
Unisonic Technologies
UT84520 UTC-UT84520 Datasheet
135Kb / 13P
   PS/2 SCROLLING MOUSE CONTROLLER
logo
ELAN Microelectronics C...
EM84510 EMC-EM84510 Datasheet
108Kb / 19P
   PS/2 SCROLLING MOUSE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com