Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV321T-11TI Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT49BV321T-11TI
Description  32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV321T-11TI Datasheet(HTML) 3 Page - ATMEL Corporation

  AT49BV321T-11TI Datasheet HTML 1Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 2Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 3Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 4Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 5Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 6Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 7Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 8Page - ATMEL Corporation AT49BV321T-11TI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
3
AT49BV/LV320(T)/321(T)
1494H–FLASH–01/03
The device powers on in the read mode. Command sequences are used to place the device in
other operation modes such as program and erase. The device has the capability to protect
the data in any sector (see “Sector Lockdown” section).
To increase the flexibility of the device, it contains an Erase Suspend and Program Suspend
feature. This feature will put the erase or program on hold for any amount of time and let the
user read data from or program data to any of the remaining sectors within the memory. The
end of a program or an erase cycle is detected by the READY/BUSY pin, Data Polling or by
the toggle bit.
The VPP pin provides data protection. When the VPP input is below 0.8V, the program and
erase functions are inhibited. When VPP is at 1.65V or above, normal program and erase oper-
ations can be performed.
A six-byte command (Enter Single Pulse Program Mode) sequence to remove the requirement
of entering the three-byte program sequence is offered to further improve programming time.
After entering the six-byte code, only single pulses on the write control lines are required for
writing into the device. This mode (Single Pulse Byte/Word Program) is exited by powering
down the device, or by pulsing the RESET pin low for a minimum of 500 ns and then bringing
it back to VCC. Erase, Erase Suspend/Resume and Program Suspend/Resume commands will
not work while in this mode; if entered they will result in data being programmed into the
device. It is not recommended that the six-byte code reside in the software of the final product
but only exist in external programming code.
When using the AT49BV/LV320(T) pinout configuration, the device always operates in the
word mode. In the AT49BV/LV321(T) configuration, the BYTE pin controls whether the device
data I/O pins operate in the byte or word configuration. If the BYTE pin is set at logic “1”, the
device is in word configuration, I/O0 - I/O15 are active and controlled by CE and OE.
If the BYTE pin is set at logic “0”, the device is in byte configuration, and only data I/O pins
I/O0 - I/O7 are active and controlled by CE and OE. The data I/O pins I/O8 - I/O14 are tri-
stated, and the I/O15 pin is used as an input for the LSB (A-1) address function.


Similar Part No. - AT49BV321T-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-11CI ATMEL-AT49BV3218-11CI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-11TI ATMEL-AT49BV3218-11TI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-85CI ATMEL-AT49BV3218-85CI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218-85TI ATMEL-AT49BV3218-85TI Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results

Similar Description - AT49BV321T-11TI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
   32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
   32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320C ATMEL-AT49BV320C Datasheet
241Kb / 32P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV320D ATMEL-AT49BV320D Datasheet
518Kb / 33P
   32-megabit (2M x 16) 3-volt Only Flash Memory
AT49BV1604A ATMEL-AT49BV1604A Datasheet
410Kb / 26P
   16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory
AT49BV16X4 ATMEL-AT49BV16X4 Datasheet
304Kb / 18P
   16-megabit (1M x 16/2M x 8) 3-volt Only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com