Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FHP3450IM14X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FHP3450IM14X
Description  Triple and Quad Voltage Feedback Amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FHP3450IM14X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FHP3450IM14X Datasheet HTML 1Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 2Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 3Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 4Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 5Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 6Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 7Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 8Page - Fairchild Semiconductor FHP3450IM14X Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FHP3350, FHP3450 Rev. 1A
3
www.fairchildsemi.com
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The device should
not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the
absolute maximum ratings. The “Recommended Operating Conditions” table defines the conditions for actual device operation.
Reliability Information
Note:
1. Package thermal resistance (θJA), JDEC standard, multi-layer test boards, still air. Assumed power is concentrated in one channel θJA will be lower,
if power is distributed in all channels.
ESD Protection
Recommended Operating Conditions
Parameter
Min.
Max.
Unit
Supply Voltage
0
12.6
V
Input Voltage Range
-Vs - 0.5V
+Vs +0.5V
V
Parameter
Min.
Typ.
Max.
Unit
Junction Temperature
150
˚C
Storage Temperature Range
-65
150
˚C
Lead Temperature (Soldering, 10s)
300
˚C
14-Lead TSSOP1
160
˚C/W
14-Lead SOIC1
148
˚C/W
ESD Protection
FHP3350
FHP3450
Package
SOIC
TSSOP
SOIC
TSSOP
Human Body Model (HBM)
1500V
1500V
2000V
2000V
Charged Device Model (CDM)
2000V
1500V
2000V
1500V
Parameter
Min.
Typ.
Max.
Unit
Operating Temperature Range
-40
+85
˚C
Supply Voltage Range
3
12
V


Similar Part No. - FHP3450IM14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3450IM14X FAIRCHILD-FHP3450IM14X Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
More results

Similar Description - FHP3450IM14X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FHP3350_0612 FAIRCHILD-FHP3350_0612 Datasheet
1Mb / 19P
   Triple and Quad Voltage Feedback Amplifiers
logo
Linear Technology
LT6550 LINER-LT6550_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6551 LINER-LT6551_15 Datasheet
309Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT6550 LINER-LT6550 Datasheet
514Kb / 16P
   3.3V Triple and Quad Video Amplifiers
LT1229 LINER-LT1229 Datasheet
292Kb / 12P
   Dual and Quad 100MHz Current Feedback Amplifiers
LT1230 LINER-LT1230_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Cadeka Microcircuits LL...
CLC2600 CADEKA-CLC2600 Datasheet
2Mb / 15P
   Dual, Triple, and Quad 300MHz Amplifiers
logo
Linear Technology
LT1229 LINER-LT1229_15 Datasheet
247Kb / 16P
   Dual and Quad 100MHz Current Feedback Amplifiers
logo
Exar Corporation
CLC2601 EXAR-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
logo
Cadeka Microcircuits LL...
CLC2601 CADEKA-CLC2601 Datasheet
1Mb / 15P
   Dual, Triple, and Quad 550MHz Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com