Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74ALS32 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74ALS32
Description  Quad 2-Input OR gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74ALS32 Datasheet(HTML) 3 Page - NXP Semiconductors

  74ALS32 Datasheet HTML 1Page - NXP Semiconductors 74ALS32 Datasheet HTML 2Page - NXP Semiconductors 74ALS32 Datasheet HTML 3Page - NXP Semiconductors 74ALS32 Datasheet HTML 4Page - NXP Semiconductors 74ALS32 Datasheet HTML 5Page - NXP Semiconductors 74ALS32 Datasheet HTML 6Page - NXP Semiconductors 74ALS32 Datasheet HTML 7Page - NXP Semiconductors 74ALS32 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74ALS32
Quad 2-input OR gate
1991 Feb 08
3
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
16
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–0.4
mA
IOL
Low–level output current
8
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST CONDITIONS1
LIMITS
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS1
MIN
TYP2
MAX
UNIT
VOH
High-level output voltage
VCC±10%, VIL = MAX, VIH = MIN, IOH = –0.4mA
VCC – 2
V
VO
Low level output voltage
VCC = MIN, VIL = MAX,
IOL = 4mA
0.25
0.40
V
VOL
Low-level output voltage
CC
,
IL
,
VIH = MIN
IOL = 8mA
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
–1.5
V
II
Input current at maximum input voltage
VCC = MAX, VI = 7.0V
0.1
mA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
–0.1
mA
IO
Output current3
VCC = MAX, VO = 2.25V
–30
–112
mA
ICC
Supply current (total)
ICCH
VCC = MAX
VI = 4.5V
1.6
4.0
mA
ICC
Supply current (total)
ICCL
VCC = MAX
VI = GND
2.8
4.9
mA
NOTES:
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. The output conditions have been chosen to produce a current that closely approximate one half of the true short–circuit output current, IOS.


Similar Part No. - 74ALS32

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS30A PHILIPS-74ALS30A Datasheet
84Kb / 7P
   8-Input NAND gate
1991 Feb 08
74ALS30AD PHILIPS-74ALS30AD Datasheet
84Kb / 7P
   8-Input NAND gate
1991 Feb 08
74ALS30AN PHILIPS-74ALS30AN Datasheet
84Kb / 7P
   8-Input NAND gate
1991 Feb 08
74ALS373 PHILIPS-74ALS373 Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
74ALS373D PHILIPS-74ALS373D Datasheet
144Kb / 13P
   Latch/flip-flop
1991 Feb 08
More results

Similar Description - 74ALS32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
logo
Motorola, Inc
SN54LS32 MOTOROLA-SN54LS32 Datasheet
121Kb / 4P
   QUAD 2-INPUT OR GATE
logo
ON Semiconductor
MC74HC32A ONSEMI-MC74HC32A Datasheet
129Kb / 8P
   Quad 2-Input OR Gate
March, 2000 ??Rev. 7
MC74AC32 ONSEMI-MC74AC32 Datasheet
138Kb / 9P
   QUAD 2-INPUT OR GATE
October, 2006 ??Rev. 7
logo
Integral Corp.
IN74VHCT32 INTEGRAL-IN74VHCT32 Datasheet
253Kb / 6P
   Quad 2-Input OR Gate
logo
STMicroelectronics
74AC32 STMICROELECTRONICS-74AC32 Datasheet
70Kb / 8P
   QUAD 2-INPUT OR GATE
74LVQ32 STMICROELECTRONICS-74LVQ32 Datasheet
56Kb / 8P
   QUAD 2-INPUT OR GATE
February 1999
logo
System Logic Semiconduc...
SL74HC32 SLS-SL74HC32 Datasheet
35Kb / 4P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com