Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA2464 Datasheet(PDF) 7 Page - Princeton Technology Corp

Part # PA2464
Description  Power Amplifier IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PA2464 Datasheet(HTML) 7 Page - Princeton Technology Corp

Back Button PA2464 Datasheet HTML 3Page - Princeton Technology Corp PA2464 Datasheet HTML 4Page - Princeton Technology Corp PA2464 Datasheet HTML 5Page - Princeton Technology Corp PA2464 Datasheet HTML 6Page - Princeton Technology Corp PA2464 Datasheet HTML 7Page - Princeton Technology Corp PA2464 Datasheet HTML 8Page - Princeton Technology Corp PA2464 Datasheet HTML 9Page - Princeton Technology Corp PA2464 Datasheet HTML 10Page - Princeton Technology Corp PA2464 Datasheet HTML 11Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
PA2464/PA2464-LF Power Amplifier
Page 7
Aug 2005
Electrical Characteristics
(V
CC = 3.5V, V SS = 0V, TA = 25°C, RL=50 Ohm )
Parameter
Symbol
Condition
Value
Unit
min.
typ.
max.
VCC Supply Voltage
V
CC
3.5
V
Frequency Range
f
400
480
MHz
Input Power
P
IN
-
5
-
dBm
Output Power
P
OUT
P
IN=5dBm
-
34
dBm
Efficiency
P
IN=5dBm
60
%
Current Cousumption
I
P
OUT=34dBm,VCC=3.5V
1180
1300
mA
Control Voltage Range
V
APC
0.2
1.5
V
Full Power Control Voltage
P
OUT=34dBm
1.4
V
Control Current into V
APC
I
APC
40
mA
2nd to 13th Harmonic Distortion
P
OUT=34dBm
-20
dBc
Input VSWR
All power level
1.5:1
2:1
Rise Time and Fall Time
P
OUT=34dBm
2
µsec


Similar Part No. - PA2464

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PA2464NL PULSE-PA2464NL Datasheet
462Kb / 4P
   HIGH FREQUENCY WIRE WOUND TRANSFORMERS
More results

Similar Description - PA2464

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA2460 ETC1-PA2460 Datasheet
251Kb / 12P
   Power Amplifier IC
logo
Princeton Technology Co...
PA2460 PTC-PA2460 Datasheet
183Kb / 15P
   Power Amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
SC4871A FUMAN-SC4871A Datasheet
429Kb / 7P
   Audio power amplifier IC
TC6871 FUMAN-TC6871 Datasheet
332Kb / 6P
   Audio power amplifier IC
logo
Panasonic Semiconductor
AN7582Z PANASONIC-AN7582Z Datasheet
174Kb / 7P
   Audio power amplifier IC
logo
SHENZHEN FUMAN ELECTRON...
TC4863 FUMAN-TC4863 Datasheet
702Kb / 13P
   Audio power amplifier IC
logo
New Japan Radio
NJM2166 NJRC-NJM2166 Datasheet
94Kb / 8P
   MONAURAL AUDIO POWER AMPLIFIER IC
logo
ON Semiconductor
MC33169 ONSEMI-MC33169 Datasheet
188Kb / 10P
   GaAs POWER AMPLIFIER SUPPORT IC
REV 2
logo
SHENZHEN FUMAN ELECTRON...
FM8002A FUMAN-FM8002A Datasheet
324Kb / 6P
   2W audio power amplifier IC
FM8002E FUMAN-FM8002E Datasheet
324Kb / 6P
   2W audio power amplifier IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com