Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6279 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 1N6279
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1N6279 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  1N6279 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6279 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6279 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6279 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6279 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6279 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
®
• Glass passivated junction
• Low Capacitance AC signal protection
• Response time typically < 1 ns.
• Molded case
• The plastic material carries
U/L recognition 94 V-0
• Terminals: Axial leads
1N6267........ 1N6303A / 1.5KE6V8........ 1.5KE440A
Mounting instructions
1. Min. distance from body to soldering point,
4 mm.
2. Max. solder temperature, 300 °C.
3. Max. soldering time, 3.5 sec.
4. Do not bend lead at a point closer than
3 mm. to the body.
Dimensions in mm.
DO201AE
(Plastic)
Maximum Ratings, according to IEC publication No. 134
Operating temperature range
Storage temperature range
Steady state Power Dissipation (l = 10 mm)
P
pp
I
FSM
T
j
T
stg
P
M(AV)
1500 W
200 A
– 65 to + 175 °C
– 65 to + 175 °C
5 W
Electrical Characteristics at Tamb = 25 °C
V
F
Max. forward voltage
drop at IF = 100 A
R
thj-l
Max. thermal resistance (1 = 10 mm.)
20 °C/W
59.5 ±0.5
9.3 ± 0.3
Peak Pulse
Power Rating
At 1 ms. Exp.
1500 W
Reverse
stand-off
Voltage
5.5 ÷ 376 V
1N6267C....1N6303CA / 1.5KE6V8C....1.5KE440CA
3.5 V
5.0 V
VBR
220 V
VBR > 220 V
Peak pulse power with 10/1000 µs
exponential pulse
1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Note 1: Valid only for Unidirectional.
(Note 1)
Jun - 00
Non repetitive surge peak forward
(Jedec Method)
current (t = 8.3 msec.)
(Note 1)


Similar Part No. - 1N6279

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6279 TRSYS-1N6279 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6279 CHONGQING-1N6279 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6279 LUGUANG-1N6279 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6279 DCCOM-1N6279 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6279 GOOD-ARK-1N6279 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Similar Description - 1N6279

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com