Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF153.220DS-0.65V50 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # DF153.220DS-0.65V50
Description  0.65mm Pitch SMT Board to Board Connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DF153.220DS-0.65V50 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  DF153.220DS-0.65V50 Datasheet HTML 1Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 2Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 3Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 4Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 5Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 6Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 7Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 8Page - List of Unclassifed Manufacturers DF153.220DS-0.65V50 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
A289
sReceptacle
With metal fitting
[Specific No.] –* *, (* *)
(50) :Gold plated tube packaging
(51) :Gold plated embossed tape packaging
qProduct Height: 0.8mm Product
Unit: mm
Note1: Please order the tube packaging product, by multiplying the packaging quantity by an integer.
Note2: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
Part Number
CL No.
DF15B(0.8)-20DS-0.65V(**)
DF15B(0.8)-30DS-0.65V(**)
DF15B(0.8)-40DS-0.65V(**)
DF15B(0.8)-50DS-0.65V(**)
DF15B(0.8)-20DS-0.65V(**)
DF15B(0.8)-30DS-0.65V(**)
DF15B(0.8)-40DS-0.65V(**)
DF15B(0.8)-50DS-0.65V(**)
677-0002-0-**
677-0003-3-**
677-0004-6-**
677-0005-9-**
677-0022-8-**
677-0023-0-**
677-0024-3-**
677-0025-6-**
20
30
40
50
20
30
40
50
9.85
13.10
16.35
19.60
9.85
13.10
16.35
19.60
Number of Contacts
A
7.35
10.6
13.85
17.1
7.35
10.6
13.85
17.1
B
5.85
9.1
12.35
15.6
5.85
9.1
12.35
15.6
C
9.65
12.9
16.15
19.4
9.65
12.9
16.15
19.4
D
8.45
11.7
14.95
18.2
8.45
11.7
14.95
18.2
E
7.35
10.6
13.85
17.1
7.35
10.6
13.85
17.1
F
8.65
11.9
15.15
18.4
G
3
3
H
0.8
0.8
J
0.7
0.7
K
48
36
29
24
48
36
29
24
Tube Packaging Quantity( pcs.)
With metal fitting
With boss
With metal fitting
Without boss
Remarks
qProduct Height: 1.8mm Product
Unit: mm
Part Number
CL No.
DF15B(1.8)-20DS-0.65V(**)
DF15B(1.8)-30DS-0.65V(**)
DF15B(1.8)-40DS-0.65V(**)
DF15B(1.8)-50DS-0.65V(**)
DF15B(1.8)-20DS-0.65V(**)
DF15B(1.8)-30DS-0.65V(**)
DF15B(1.8)-40DS-0.65V(**)
DF15B(1.8)-50DS-0.65V(**)
677-0042-5-**
677-0043-8-**
677-0044-0-**
677-0045-3-**
677-0062-2-**
677-0063-5-**
677-0064-8-**
677-0065-0-**
20
30
40
50
20
30
40
50
9.85
13.1
16.35
19.6
9.85
13.1
16.35
19.6
Number of Contacts
A
7.35
10.6
13.85
17.1
7.35
10.6
13.85
17.1
B
5.85
9.1
12.35
15.6
5.85
9.1
12.35
15.6
C
9.65
12.9
16.15
19.4
9.65
12.9
16.15
19.4
D
8.45
11.7
14.95
18.2
8.45
11.7
14.95
18.2
E
7.35
10.6
13.85
17.1
7.35
10.6
13.85
17.1
F
8.65
11.9
15.15
18.4
G
4
4
H
1.8
1.8
J
1.7
1.7
K
48
36
29
24
48
36
29
24
Tube Packaging Quantity( pcs.)
With metal fitting
With boss
With metal fitting
Without boss
Remarks


Similar Part No. - DF153.220DS-0.65V50

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
DF153S LEIDITECH-DF153S Datasheet
281Kb / 2P
   1.5 A Single-Phase Glass Passivated Bridge Rectifiers Rectifier Reverse Voltage 50 to 1000V
More results

Similar Description - DF153.220DS-0.65V50

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF151.830DS-0.65V56 HIROSE-DF151.830DS-0.65V56 Datasheet
278Kb / 10P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com