Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N6283 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 1N6283
Description  1500W Unidirectional and Bidirectional Transient Voltage Suppressor Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

1N6283 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  1N6283 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1N6283 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1N6283 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1N6283 Datasheet HTML 4Page - List of Unclassifed Manufacturers 1N6283 Datasheet HTML 5Page - List of Unclassifed Manufacturers 1N6283 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1N6267C 1.5KE6V8C
1000
5.50
6.12
6.8
7.48
10
10.8
139
1N6267C 1.5KE6V8CA
1000
5.80
6.45
6.8
7.14
10
10.5
143
1N6268C 1.5KE7V5C
500
6.05
6.75
7.5
8.25
10
11.7
128
1N6268CA 1.5KE7V5CA
500
6.40
7.13
7.5
7.88
10
11.3
132
1N6269C 1.5KE8V2C
200
6.63
7.38
8.2
9.02
10
12.5
120
1N6269CA 1.5KE8V2CA
200
7.02
7.79
8.2
8.61
10
12.1
124
1N6270C 1.5KE9V1C
50
7.37
8.19
9.1
10.0
1
13.8
109
1N6270CA 1.5KE9V1CA
50
7.78
8.65
9.1
9.55
1
13.4
112
1N6271C 1.5KE10C
10
8.10
9.00
10
11.0
1
15.0
100
1N6271CA 1.5KE10CA
10
8.55
9.50
10
10.5
1
14.5
103
1N6272C 1.5KE11C
5
8.92
9.90
11
12.1
1
16.2
93
1N6272CA 1.5KE11CA
5
9.40
10.5
11
11.6
1
15.6
96
1N6273C 1.5KE12C
5
9.72
10.8
12
13.2
1
17.3
87
1N6273CA 1.5KE12CA
5
10.2
11.4
12
12.6
1
16.7
90
1N6274C 1.5KE13C
5
10.5
11.7
13
14.3
1
19.0
79
1N6274CA 1.5KE13CA
5
11.1
12.4
13
13.7
1
18.2
82
1N6275C 1.5KE15C
5
12.1
13.5
15
16.5
1
22.0
68
1N6275CA 1.5KE15CA
5
12.8
14.3
15
15.8
1
21.2
71
1N6276C 1.5KE16C
5
12.9
14.4
16
17.6
1
23.5
64
1N6276CA 1.5KE16CA
5
13.6
15.2
16
16.8
1
22.5
67
1N6277C 1.5KE18C
5
14.5
16.2
18
19.8
1
26.5
56.5
1N6277CA 1.5KE18CA
5
15.3
17.1
18
18.9
1
25.5
59.5
1N6278C 1.5KE20C
5
16.2
18.0
20
22.0
1
29.1
51.5
1N6278CA 1.5KE20CA
5
17.1
19.0
20
21.0
1
27.7
54
1N6279C 1.5KE22C
5
17.8
19.8
22
24.2
1
31.9
47
1N6279CA 1.5KE22CA
5
18.8
20.9
22
23.1
1
30.6
49
1N6280C 1.5KE24C
5
19.4
21.6
24
26.4
1
34.7
43
1N6280CA 1.5KE24CA
5
20.5
22.8
24
25.2
1
33.2
45
1N6281C 1.5KE27C
5
21.8
24.3
27
29.7
1
39.1
38.5
1N6281CA 1.5KE27CA
5
23.1
25.7
27
28.4
1
37.5
40
1N6282C 1.5KE30C
5
24.3
27.0
30
33.0
1
43.5
34.5
1N6282CA 1.5KE30CA
5
25.6
28.5
30
31.5
1
41.4
36
1N6283C 1.5KE33C
5
26.8
29.7
33
36.3
1
47.7
31.5
1N6283CA 1.5KE33CA
5
28.2
31.4
33
34.7
1
45.7
33
1N6284C 1.5KE36C
5
29.1
32.4
36
39.6
1
52.0
29
1N6284CA 1.5KE36CA
5
30.8
34.2
36
37.8
1
49.9
30
1N6285C 1.5KE39C
5
31.6
35.1
39
42.9
1
56.4
26.5
1N6285CA 1.5KE39CA
5
33.3
37.1
39
41.0
1
53.9
28
1N6286C 1.5KE43C
5
34.8
38.7
43
47.3
1
61.9
24
1N6286CA 1.5KE43CA
5
36.8
40.9
43
45.2
1
59.3
25.3
1N6287C 1.5KE47C
5
38.1
42.3
47
51.7
1
67.8
22.2
1N6287CA 1.5KE47CA
5
40.2
44.7
47
49.4
1
64.8
23.2
1N6288C 1.5KE51C
5
41.3
45.9
51
56.1
1
73.5
20.4
1N6288CA 1.5KE51CA
5
43.6
48.5
51
53.6
1
70.1
21.4
1.5KE6V8C......1.5KE440CA
1N6267C...........1N6303CA
Type
Maximum Reverse
Leakage Current
at
Bidirectional
(µA)
(V)
Min.
Nom.
Max.
(mA)
(1)
I
RM
I
R
at
(V)
Breakdown Voltage
Max. Clamping Voltage
V
BR
V
CL
at
I
pp
V
RM
max. 1ms. Expo.
(V)
(A)
(1) Tested with pulses.
Pulse test: tp
≤ 50 ms; δ < 2%
Jun - 00


Similar Part No. - 1N6283

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6283 TRSYS-1N6283 Datasheet
251Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chongqing Pingwei Enter...
1N6283 CHONGQING-1N6283 Datasheet
62Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
1N6283 LUGUANG-1N6283 Datasheet
1Mb / 4P
   1500 WattsTransient Voltage Suppressor Diodes
logo
Dc Components
1N6283 DCCOM-1N6283 Datasheet
740Kb / 4P
   TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
GOOD-ARK Electronics
1N6283 GOOD-ARK-1N6283 Datasheet
626Kb / 6P
   Transient Voltage Suppressors Peak Pulse Power 1500W Breakdown Voltage 6.8 to 550V
More results

Similar Description - 1N6283

ManufacturerPart #DatasheetDescription
logo
Semikron International
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
BZW06-5V8 SEMIKRON-BZW06-5V8_07 Datasheet
155Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4KE6 SEMIKRON-P4KE6 Datasheet
160Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMBJ150 SEMIKRON-P6SMBJ150_07 Datasheet
157Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ150 SEMIKRON-P4SMAJ150 Datasheet
151Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
3KP130 SEMIKRON-3KP130_09 Datasheet
413Kb / 2P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com