Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BF5030W Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BF5030W
Description  Silicon N-Channel MOSFET Tetrode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BF5030W Datasheet(HTML) 2 Page - Infineon Technologies AG

  BF5030W Datasheet HTML 1Page - Infineon Technologies AG BF5030W Datasheet HTML 2Page - Infineon Technologies AG BF5030W Datasheet HTML 3Page - Infineon Technologies AG BF5030W Datasheet HTML 4Page - Infineon Technologies AG BF5030W Datasheet HTML 5Page - Infineon Technologies AG BF5030W Datasheet HTML 6Page - Infineon Technologies AG BF5030W Datasheet HTML 7Page - Infineon Technologies AG BF5030W Datasheet HTML 8Page - Infineon Technologies AG BF5030W Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2006-04-13
2
BF5030...
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Drain-source breakdown voltage
ID = 1 µA, VG1S = 0 , VG2S = 0
V(BR)DS
12
-
-
V
Gate1-source breakdown voltage
+IG1S = 10 mA, VG2S = 0 , VDS = 0
+V(BR)G1SS
6
-
15
Gate2-source breakdown voltage
+IG2S = 10 mA, VG1S = 0 , VDS = 0
+V(BR)G2SS
6
-
15
Gate1-source leakage current
VG1S = 6 V, VG2S = 0 , VDS = 0
+IG1SS
-
-
50
nA
Gate2-source leakage current
VG2S = 6 V, VG1S = 0 , VDS = 0
+IG2SS
-
-
50
Drain current
VDS = 3 V, VG1S = 0 , VG2S = 3 V
IDSS
-
-
100
Drain-source current
VDS = 3 V, VG2S = 3 V, RG1 = 68 kΩ
IDSX
-
12
-
mA
Gate1-source pinch-off voltage
VDS = 3 V, VG2S = 3 V, ID = 20 µA
VG1S(p)
-
0.6
-
V
Gate2-source pinch-off voltage
VDS = 3 V, VG1S = 3 V, ID = 20 µA
VG2S(p)
-
0.7
-


Similar Part No. - BF5030W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF5030W INFINEON-BF5030W Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
More results

Similar Description - BF5030W

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BF1009S INFINEON-BF1009S Datasheet
251Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF5030 INFINEON-BF5030_09 Datasheet
585Kb / 13P
   Silicon N-Channel MOSFET Tetrode
2009-05-05
BF2030 INFINEON-BF2030 Datasheet
277Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Apr-23-2004
BF1009S INFINEON-BF1009S_07 Datasheet
84Kb / 8P
   Silicon N-Channel MOSFET Tetrode
2007-04-20
BF2040 INFINEON-BF2040_07 Datasheet
210Kb / 11P
   Silicon N-Channel MOSFET Tetrode
2007-06-01
BF998 INFINEON-BF998 Datasheet
249Kb / 6P
   Silicon N-Channel MOSFET Tetrode
Feb-13-2004
BF1005 INFINEON-BF1005 Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
BF1005S INFINEON-BF1005S Datasheet
252Kb / 5P
   Silicon N-Channel MOSFET Tetrode
Feb-18-2004
logo
Siemens Semiconductor G...
BF2000 SIEMENS-BF2000 Datasheet
19Kb / 3P
   Silicon N Channel MOSFET Tetrode
logo
Infineon Technologies A...
BF1009SW INFINEON-BF1009SW Datasheet
48Kb / 4P
   Silicon N-Channel MOSFET Tetrode
Jun-28-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com