Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BFR740L3 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BFR740L3
Description  NPN Silicon Germanium RF Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BFR740L3 Datasheet(HTML) 2 Page - Infineon Technologies AG

  BFR740L3 Datasheet HTML 1Page - Infineon Technologies AG BFR740L3 Datasheet HTML 2Page - Infineon Technologies AG BFR740L3 Datasheet HTML 3Page - Infineon Technologies AG BFR740L3 Datasheet HTML 4Page - Infineon Technologies AG BFR740L3 Datasheet HTML 5Page - Infineon Technologies AG BFR740L3 Datasheet HTML 6Page - Infineon Technologies AG BFR740L3 Datasheet HTML 7Page - Infineon Technologies AG BFR740L3 Datasheet HTML 8Page - Infineon Technologies AG BFR740L3 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2005-10-17
2
BFR740L3
Thermal Resistance
Parameter
Symbol
Value
Unit
Junction - soldering point1)
RthJS
≤ 350
K/W
Electrical Characteristics at TA = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
DC Characteristics
Collector-emitter breakdown voltage
IC = 1 mA, IB = 0
V(BR)CEO
4
4.7
-
V
Collector-emitter cutoff current
VCE = 13 V, VBE = 0
ICES
-
-
30
µA
Collector-base cutoff current
VCB = 5 V, IE = 0
ICBO
-
-
100
nA
Emitter-base cutoff current
VEB = 0.5 V, IC = 0
IEBO
-
-
3
µA
DC current gain
IC = 25 mA, VCE = 3 V, pulse measured
hFE
160
250
400
-
1For calculation of R
thJA please refer to Application Note Thermal Resistance


Similar Part No. - BFR740L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFR740L3RH INFINEON-BFR740L3RH Datasheet
602Kb / 11P
   NPN Silicon Germanium RF Transistor
2010-09-08
BFR740L3RH INFINEON-BFR740L3RH Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
BFR740L3RH INFINEON-BFR740L3RH_16 Datasheet
1Mb / 29P
   Low Noise Silicon Germanium Bipolar RF Transistor
Revision 2.1, 2016-03-16
More results

Similar Description - BFR740L3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BFP640F INFINEON-BFP640F Datasheet
190Kb / 6P
   NPN Silicon Germanium RF Transistor
Mar-11-2004
BFP620E7764 INFINEON-BFP620E7764 Datasheet
196Kb / 7P
   NPN Silicon Germanium RF Transistor
Jul-03-2003
logo
California Eastern Labs
NESG3033M14 CEL-NESG3033M14 Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Renesas Technology Corp
NESG340033 RENESAS-NESG340033 Datasheet
224Kb / 12P
   NPN Silicon Germanium RF Transistor
logo
California Eastern Labs
NESG260234 CEL-NESG260234 Datasheet
362Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
logo
Infineon Technologies A...
BFP640H6327 INFINEON-BFP640H6327 Datasheet
154Kb / 10P
   NPN Silicon Germanium RF Transistor
2007-05-29
logo
Renesas Technology Corp
NESG204619 RENESAS-NESG204619 Datasheet
302Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2046M33 RENESAS-NESG2046M33 Datasheet
240Kb / 10P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG2107M33 RENESAS-NESG2107M33 Datasheet
244Kb / 11P
   NPN SILICON GERMANIUM RF TRANSISTOR
2008
NESG250134 RENESAS-NESG250134 Datasheet
342Kb / 16P
   NPN SILICON GERMANIUM RF TRANSISTOR
2004
NESG340034 RENESAS-NESG340034 Datasheet
214Kb / 11P
   NPN Silicon Germanium RF Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com