Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS127 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # BSS127
Description  SIPMOS짰 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS127 Datasheet(HTML) 7 Page - Infineon Technologies AG

  BSS127 Datasheet HTML 1Page - Infineon Technologies AG BSS127 Datasheet HTML 2Page - Infineon Technologies AG BSS127 Datasheet HTML 3Page - Infineon Technologies AG BSS127 Datasheet HTML 4Page - Infineon Technologies AG BSS127 Datasheet HTML 5Page - Infineon Technologies AG BSS127 Datasheet HTML 6Page - Infineon Technologies AG BSS127 Datasheet HTML 7Page - Infineon Technologies AG BSS127 Datasheet HTML 8Page - Infineon Technologies AG BSS127 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BSS127
13 Typ. gate charge
14 Drain-source breakdown voltage
V GS=f(Q gate); I D=0.01 A pulsed
V BR(DSS)=f(T j); I D=250 µA
parameter: V DD
500
520
540
560
580
600
620
640
660
680
700
-60
-20
20
60
100
140
T j [°C]
0.2 VBR(DSS)
0.5 VBR(DSS)
0.8 VBR(DSS)
-4
-3
-2
-1
0
1
2
3
4
5
6
01
23
4
Q gate [nC]
Rev. 1.1
page 7
2006-03-24


Similar Part No. - BSS127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS127 INFINEON-BSS127 Datasheet
253Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.47 2010-07-29
logo
Unisonic Technologies
BSS127 UTC-BSS127 Datasheet
230Kb / 4P
   0.021A, 600V SMALL-SIGNAL-TRANSISTOR
logo
Diodes Incorporated
BSS127 DIODES-BSS127 Datasheet
366Kb / 6P
   Low Input Capacitance
logo
Unisonic Technologies
BSS127G-AE3-R UTC-BSS127G-AE3-R Datasheet
230Kb / 4P
   0.021A, 600V SMALL-SIGNAL-TRANSISTOR
logo
Infineon Technologies A...
BSS127I INFINEON-BSS127I Datasheet
1Mb / 10P
   Small-Signal Transistor
2021-03-17 revision:2.1
More results

Similar Description - BSS127

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS138NH6327 INFINEON-BSS138NH6327 Datasheet
463Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.86 2012-04-17
SPP18P06PH INFINEON-SPP18P06PH Datasheet
577Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev1.92 2014-11-21
BSP170PE6327T INFINEON-BSP170PE6327T Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
BSS126 INFINEON-BSS126 Datasheet
236Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.3 2006-06-14
SPD15P10PG INFINEON-SPD15P10PG_12 Datasheet
737Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev 1.8 2012-09-11
BSS131L6327 INFINEON-BSS131L6327 Datasheet
210Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.4 2011-06-07
BSP129L6327HTSA1 INFINEON-BSP129L6327HTSA1 Datasheet
451Kb / 10P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.42 2012-11-29
BSS225 INFINEON-BSS225 Datasheet
205Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev. 1.21 2005-02-25
BSP179 INFINEON-BSP179 Datasheet
415Kb / 8P
   SIPMOS짰 Small-Signal-Transistor
Rev. 2.0 2015-06-23
BSP170P-L6327 INFINEON-BSP170P-L6327 Datasheet
576Kb / 9P
   SIPMOS짰 Small-Signal-Transistor
Rev 2.53 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com