Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZY33 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # ZY33
Description  Zener Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZY33 Datasheet(HTML) 5 Page - Vishay Siliconix

  ZY33 Datasheet HTML 1Page - Vishay Siliconix ZY33 Datasheet HTML 2Page - Vishay Siliconix ZY33 Datasheet HTML 3Page - Vishay Siliconix ZY33 Datasheet HTML 4Page - Vishay Siliconix ZY33 Datasheet HTML 5Page - Vishay Siliconix ZY33 Datasheet HTML 6Page - Vishay Siliconix ZY33 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ZY1, ZY3.6 thru ZY200
Vishay Semiconductors
formerly General Semiconductor
Document Number 88418
www.vishay.com
02-May-02
5
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
°C/W


Similar Part No. - ZY33

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZY33 DIODES-ZY33 Datasheet
63Kb / 3P
   SILICON POWER ZENER DIODE
DS21406 Rev. E-3
logo
Diotec Semiconductor
ZY33 DIOTEC-ZY33 Datasheet
142Kb / 3P
   Silicon-Power-Zener Diodes (non-planar technology)
logo
General Semiconductor
ZY33 GE-ZY33 Datasheet
364Kb / 7P
   ZENER DIODES
logo
Shanghai Semitech Semic...
ZY33 SEMITECH-ZY33 Datasheet
48Kb / 2P
   Low leakage current
logo
Diotec Semiconductor
ZY33 DIOTEC-ZY33 Datasheet
111Kb / 2P
   Silicon-Power-Z-Diodes (non-planar technology)
More results

Similar Description - ZY33

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com