Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5561A-DOW Datasheet(PDF) 10 Page - ATMEL Corporation

Part # E5561A-DOW
Description  Standard Read/Write Crypto Identification IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

E5561A-DOW Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button E5561A-DOW Datasheet HTML 6Page - ATMEL Corporation E5561A-DOW Datasheet HTML 7Page - ATMEL Corporation E5561A-DOW Datasheet HTML 8Page - ATMEL Corporation E5561A-DOW Datasheet HTML 9Page - ATMEL Corporation E5561A-DOW Datasheet HTML 10Page - ATMEL Corporation E5561A-DOW Datasheet HTML 11Page - ATMEL Corporation E5561A-DOW Datasheet HTML 12Page - ATMEL Corporation E5561A-DOW Datasheet HTML 13Page - ATMEL Corporation E5561A-DOW Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
e5561
4699A–RFID–04/03
Configuration
The configuration data of the e5561 is stored in block 0 of the EEPROM which contains
the following information (see Figure 9):
Type of modulation and bit rate
ID code length
•Several lock-bits
Selected terminator
Stop mode selection for short/long authentication time
Adaptation of resonance frequency (if auto-adapt is not used)
The configuration may be changed by programming block 0. However, this is only possi-
ble if the lock-bit L_0 in block 0 has not been set.
Figure 8. Configuration Data in Block 0
Block 9 contains the customer configuration and the password (if password function is
enabled). The customer-configuration data in block 9 includes (see Figure 10):
Lock-bit for ID code (blocks 1 and 4/1 to 4)
Lock-bit for crypro key (block 5 to 8)
Lock-bit for block 9
Password function enable
If the password function has been enabled, bits 4 to 31 represent the password of the
e5561.
Figure 9. Customer Configuration Data in Block 9
Modulation (0 = Manchester, 1 = Bi-phase)
Bit-rate (0 = RF/32, 1 = RF/64)
Bitcount (0 = 128 bit, 1 = 64 bit) ID
Terminator
Stop mode (0 = off, 1 = on)
Adapt (0 = automatic, 1 = value according to user programmed
adapt bit setting)
Number of AUT64-times, 0 = 24 times, 1 = 8 times
Lock-bit for block 0 (1 = active)
Tuning bits
20 bit Supplier Chip ID (SCID)
31
20
6
4
16
13
11
MOD
15
14
[1]
[0]
0
1
2
3
7
8
9
19
17
30
10
5
12
18
29
25
22
24
23
28
26
21
27
L_0
BR
BC
T
AUT
adapt bits
11 1
A
S
Test only
Terminator
Terminator
No terminator
MOD
BR
BC
T
S
A
AUT
L_0
adapt bits
0
0
1
0
0
1
1
1
28 bit Password
31
20
16
13
15
14
19
17
12
18
6
4
11
0
1
2
3
7
8
9
30
10
5
29
25
22
24
23
28
26
21
27
L_ID
L_K
L_9
PWD
PWD Password enable ('1' = active)
L_9
Lockbit for block 9 ('1' = active)
L_K
Lockbit for blocks 5 to 8 (crypto key) ('1' = active)
L_ID Lockbit for blocks 1 and 4/1 to 4 (ID code) ('1' = active)


Similar Part No. - E5561A-DOW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E5561A-DOW ATMEL-E5561A-DOW Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
More results

Similar Description - E5561A-DOW

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
E5561 ATMEL-E5561_06 Datasheet
434Kb / 28P
   Standard Read/Write Crypto Identification IC
logo
EM Microelectronic - MA...
EM4170 EMMICRO-EM4170 Datasheet
143Kb / 13P
   125kHz CRYPTO READ/WRITE Contactless Identification Device
logo
ATMEL Corporation
T5557 ATMEL-T5557 Datasheet
711Kb / 30P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5567 ATMEL-ATA5567 Datasheet
648Kb / 36P
   Multifunctional 330-bit Read/Write RF Identification IC
T555711-TAS ATMEL-T555711-TAS Datasheet
721Kb / 29P
   Multifunctional 330-bit Read/Write RF-Identification IC
ATA5570 ATMEL-ATA5570 Datasheet
581Kb / 28P
   Multifunctional 330-bit Read/Write RF Sensor Identification IC
logo
List of Unclassifed Man...
S8132 ETC2-S8132 Datasheet
40Kb / 2P
   FINGERPRINT IDENTIFICATION IC Bio-Crypto Controller
logo
ATMEL Corporation
TK5561A-PP ATMEL-TK5561A-PP Datasheet
252Kb / 10P
   READ/WRITE CRYPTO TRANSPONDER FOR SHORT CYCLE TIME
logo
EM Microelectronic - MA...
EM4444 EMMICRO-EM4444 Datasheet
109Kb / 1P
   512 bit, Read/Write UHF Identification Device
EM4450 EMMICRO-EM4450 Datasheet
234Kb / 16P
   1 KBit Read/Write Contactless Identification Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com