Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7A323630C-PC20 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K7A323630C-PC20
Description  1Mx36 and 2Mx18 Synchronous SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7A323630C-PC20 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K7A323630C-PC20 Datasheet HTML 6Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 7Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 8Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 9Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 10Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 11Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 12Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 13Page - Samsung semiconductor K7A323630C-PC20 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
1Mx36 & 2Mx18 Synchronous SRAM
- 10 -
K7A321830C
K7A323630C
Preliminary
Rev. 0.2 April 2006
TEST CONDITIONS
* The above parameters are also guaranteed at industrial temperature range.
PARAMETER
VALUE
Input Pulse Level(for 3.3V I/O)
0 to 3.0V
Input Pulse Level(for 2.5V I/O)
0 to 2.5V
Input Rise and Fall Time(Measured at 20% to 80% for 3.3/2.5V I/O)
1.0V/ns
Input and Output Timing Reference Levels for 3.3V I/O
1.5V
Input and Output Timing Reference Levels for 2.5V I/O
VDDQ/2
Output Load
See Fig. 1
DC ELECTRICAL CHARACTERISTICS
Notes : 1. The above parameters are also guaranteed at industrial temperature range.
2. Reference AC Operating Conditions and Characteristics for input and timing.
3. Data states are all zero.
4. In Case of I/O Pins, the Max. VIH=VDDQ+0.3V.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
MAX
UNIT NOTES
Input Leakage Current(except ZZ)
IIL
VDD = Max ; VIN=VSS to VDD
-2
+2
µA
Output Leakage Current
IOL
Output Disabled, VOUT=VSS to VDDQ
-2
+2
µA
Operating Current
ICC
Device Selected, IOUT=0mA,
-20
-
TBD
mA
1,2
Standby Current
ISB
Device deselected, IOUT=0mA,
ZZ
≤VIL, f=Max,
All Inputs
≤0.2V or ≥ VDD-0.2V
-20
-
TBD
mA
ISB1
Device deselected, IOUT=0mA, ZZ
0.2V,
f = 0, All Inputs=fixed (VDD-0.2V or 0.2V)
-TBD
mA
ISB2
Device deselected, IOUT=0mA, ZZ
≥VDD-0.2V,
f=Max, All Inputs
VIL or ≥VIH
-TBD
mA
Output Low Voltage(3.3V I/O)
VOL
IOL=8.0mA
-
0.4
V
Output High Voltage(3.3V I/O)
VOH
IOH=-4.0mA
2.4
-
V
Output Low Voltage(2.5V I/O)
VOL
IOL=1.0mA
-
0.4
V
Output High Voltage(2.5V I/O)
VOH
IOH=-1.0mA
2.0
-
V
Input Low Voltage(3.3V I/O)
VIL
-0.3*
0.8
V
nput High Voltage(3.3V I/O)
VIH
2.0
VDD+0.3**
V
3
Input Low Voltage(2.5V I/O)
VIL
-0.3*
0.7
V
Input High Voltage(2.5V I/O)
VIH
1.7
VDD+0.3**
V
3
Output Load(B),
(for tLZC, tLZOE, tHZOE & tHZC)
Dout
353
Ω / 1538Ω
5pF*
+3.3V for 3.3V I/O
319
Ω / 1667Ω
Fig. 1
* Including Scope and Jig Capacitance
Output Load(A)
Dout
Zo=50
RL=50
VL=1.5V for 3.3V I/O
VDDQ/2 for 2.5V I/O
/+2.5V for 2.5V I/O
30pF*


Similar Part No. - K7A323630C-PC20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7A323600M SAMSUNG-K7A323600M Datasheet
247Kb / 18P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323600M-QC14 SAMSUNG-K7A323600M-QC14 Datasheet
247Kb / 18P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323600M-QC14 SAMSUNG-K7A323600M-QC14 Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323600M-QC20 SAMSUNG-K7A323600M-QC20 Datasheet
247Kb / 18P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A323600M-QC20 SAMSUNG-K7A323600M-QC20 Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
More results

Similar Description - K7A323630C-PC20

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7B323635C SAMSUNG-K7B323635C Datasheet
443Kb / 20P
   1Mx36 & 2Mx18 Synchronous SRAM
K7A321800M SAMSUNG-K7A321800M Datasheet
247Kb / 18P
   1Mx36 & 2Mx18 Synchronous SRAM
K7B323625M SAMSUNG-K7B323625M Datasheet
264Kb / 19P
   1Mx36 & 2Mx18 Synchronous SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
K7P323666M SAMSUNG-K7P323666M Datasheet
447Kb / 14P
   1Mx36 & 2Mx18 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
logo
Integrated Silicon Solu...
IS61DDPB22M18A ISSI-IS61DDPB22M18A Datasheet
527Kb / 31P
   2Mx18, 1Mx36 36Mb DDR-IIP(Burst 2) CIO SYNCHRONOUS SRAM
IS61QDPB42M18A ISSI-IS61QDPB42M18A Datasheet
874Kb / 33P
   1Mx36 and 2Mx18 configuration available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com