Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WMA-1005H3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # WMA-1005H3
Description  10-15Watts Single Output Wallmount adapter WMA series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WMA-1005H3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  WMA-1005H3 Datasheet HTML 1Page - List of Unclassifed Manufacturers WMA-1005H3 Datasheet HTML 2Page - List of Unclassifed Manufacturers WMA-1005H3 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10-15Watts Single Output Wallmount adapter
WMA series
Date: Sep 19,2003
65
Feature:
l 90 to 264Vac universal input range.
l Meet UL/CUL ,TUV ,T-Mark.
l EMI/RFI meet VDE & FCC limit B.
l Low cost & compact size.
l International AC Plug available.
l 2 Year Warranty.
Specifications: typical at nominal line, full load at 25
°C.
Input Specifications:
General Specifications:
Input voltage: 90 to 264Vac
Efficiency: 65% typical at full load
Input Frequency: 47 Hz to 63Hz
Hold-up time: 10ms @ 115Vac full load
EMI/RFI: VDE & FCC Class B limits
Input inrush current: 20A at 115Vac
40A at 230Vac
Earth leakage: 0.2mA max @ 115Vac
0.4mA max @ 230Vac
Dielectric Withstand:
Input/output: 3000Vac
Input/Ground: 1500Vac
Output Specifications:
Output Rating: See Selection Table
Output Voltage Accuracy :
± 5% max.
¬Safety Meet: UL/CUL UL60950
TUV EN60950
T-Mark.
Line Regulation:
± 1% max
Switching frequency: 50kHz
Load Regulation:
± 5% max.
(Full to half load)
Weight: 170g
MTBF: 100,000hours(MIL-HDBK-217F)
Transient Response:
± 1% max.dev.
(Full to half load) 1mS recovery
Environmental Specifications:
Temperature Coefficient:
± 0.04% / °C Operating temperature: 0 to +40°C
Ripple & Noise: 2% P-P max.
Storage temperature: -20 to +85
°C
Humidity: 5 to 95 % RH non-condensing
Vibration: 2.4G , 5 to 500Hz
Protections:
a. Over current protection
b. Over power protection
c. Short circuit protection
Cooling: Free air convection
Note:
1. Vibration test: Three orthogonal axes, random vibration, 10 minutes for each axis.
2. Maximum output power is 15W.
3.
Ripple & noise test method is measured at output terminal across a 0.1uF ceramic cap
& a 10uF tantalum or electrolytic cap in parallel with a 20MHz bandwidth oscilloscope
directly.
¬ Please refer the safety approval status on appendix 1, For latest safety approval status
Please consult YCL or visit" www.ycl.com.tw


Similar Part No. - WMA-1005H3

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
WMA.01.301151 TAOGLAS-WMA.01.301151 Datasheet
765Kb / 16P
   Flexible Mounting
logo
List of Unclassifed Man...
WMA01301151 ETC2-WMA01301151 Datasheet
789Kb / 15P
   Trinity 3dBi 2.4-2.5GHz MIMO Antenna Wi-fi/ISM Bands/ZigBee/WLAN/Bluetooth
logo
Taoglas antenna solutio...
WMA01301151 TAOGLAS-WMA01301151 Datasheet
765Kb / 16P
   Trinity 3dBi 2.4/2.5GHz MIMO Antenna
logo
Wall Industries,Inc.
WMAPU10 WALL-WMAPU10 Datasheet
282Kb / 4P
   8~10 Watts AC/DC Wall Mount Power Supplies
WMAPU10-102 WALL-WMAPU10-102 Datasheet
282Kb / 4P
   8~10 Watts AC/DC Wall Mount Power Supplies
More results

Similar Description - WMA-1005H3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DDA-001 ETC2-DDA-001 Datasheet
47Kb / 2P
   15Watts 5.0V Output External Adapter
Sep 19, 2003.
logo
Qualtek Electronics Cor...
QPD-15 QUALTEK-QPD-15 Datasheet
2Mb / 2P
   15Watts Single Output
logo
Phihong USA Inc.
PSS45W-090 PHIHONG-PSS45W-090 Datasheet
182Kb / 2P
   Single Output Adapter Series
logo
HITRON ELECTRONICS CORP...
HES10 HITRON-HES10 Datasheet
364Kb / 4P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE & DUAL OUTPUT 10-12 WATTS SWITCHING POWER SUPPLIES
HES25 HITRON-HES25 Datasheet
317Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 20-36 WATTS SWITCHING POWER SUPPLIES
HDM15-S HITRON-HDM15-S Datasheet
238Kb / 4P
   ON-BOARD DC-DC CONVERTER ENCAPSULATED MODULES 15WATTS SINGLE & DUAL OUTPUT
logo
List of Unclassifed Man...
SPD-060 ETC2-SPD-060 Datasheet
75Kb / 1P
   60W, Single Output Adapter
logo
HITRON ELECTRONICS CORP...
HEG24 HITRON-HEG24 Datasheet
339Kb / 2P
   AC/DC EXTERNAL WALLMOUNT ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 24 WATTS GREEN POWER SWITCHING POWER SUPPLIES
HES18 HITRON-HES18 Datasheet
330Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL INPUT SINGLE OUTPUT 16-18 WATTS SWITCHING POWER SUPPLIES
HES12 HITRON-HES12 Datasheet
300Kb / 2P
   AC/DC EXTERNAL WALLMOUNT & DESKTOP ADAPTER UNIVERSAL OR USA INPUT SINGLE OUTPUT 12 WATTS SWITCHING POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com