Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82J-30012C Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # S82J-30012C
Description  Compact and Economical Switch mode Power Supplies with Capacities Up to 600W
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S82J-30012C Datasheet(HTML) 2 Page - Omron Electronics LLC

  S82J-30012C Datasheet HTML 1Page - Omron Electronics LLC S82J-30012C Datasheet HTML 2Page - Omron Electronics LLC S82J-30012C Datasheet HTML 3Page - Omron Electronics LLC S82J-30012C Datasheet HTML 4Page - Omron Electronics LLC S82J-30012C Datasheet HTML 5Page - Omron Electronics LLC S82J-30012C Datasheet HTML 6Page - Omron Electronics LLC S82J-30012C Datasheet HTML 7Page - Omron Electronics LLC S82J-30012C Datasheet HTML 8Page - Omron Electronics LLC S82J-30012C Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
L-80
Switch mode Power Supply
S82J
Ordering Information
I Front-mounting Bracket Type
Configuration
Input Voltage
Power
ratings
Output
voltage
Output
current
Front terminals
Top terminals
Connector
Open-frame type 100 to 240 VAC 10 W
5 V
2 A
S82J-01005A
---
---
12 V
1 A
S82J-01012A
---
---
15 V
0.7 A
S82J-01015A
---
---
24 V
0.5 A
S82J-01024A
---
---
25 W
5 V
5 A
S82J-02505A
---
---
12 V
2.1 A
S82J-02512A
---
---
15 V
1.7 A
S82J-02515A
---
---
24 V
1.1 A
S82J-02524A
---
---
50 W
5 V
10 A
S82J-05005A
---
---
12 V
4.2 A
S82J-05012A
---
---
24 V
2.1 A
S82J-05024A
---
---
100 or 200 VAC
(selected
automatically)
100 W
5 V
20 A
S82J-10005A
S82J-10005B
S82J-10005C
12 V
8.5 A
S82J-10012A
S82J-10012B
S82J-10012C
15 V
7 A
S82J-10015A
S82J-10015B
S82J-10015C
100 to 240 VAC
24 V
4.5 A
S82J-10024A
---
---
100 or 200 VAC
(selected
automatically)
150 W
24 V
6.5 A
S82J-15024A
S82J-15024B
S82J-15024C
Covered type
100 to 240 VAC 10 W
5 V
2 A
S82J-01005D
---
---
12 V
1 A
S82J-01012D
---
---
15 V
0.7 A
S82J-01015D
---
---
24 V
0.5 A
S82J-01024D
---
---
25 W
5 V
5 A
S82J-02505D
---
---
12 V
2.1 A
S82J-02512D
---
---
15 V
1.7 A
S82J-02515D
---
---
24 V
1.1 A
S82J-02524D
---
---
50 W
5 V
10 A
S82J-05005D
---
---
12 V
4.2 A
S82J-05012D
---
---
24 V
2.1 A
S82J-05024D
---
---
100 or 200 VAC
(selected
automatically)
100 W
5 V
20 A
S82J-10005D
S82J-10005E
S82J-10005F
12 V
8.5 A
S82J-10012D
S82J-10012E
S82J-10012F
15 V
7 A
S82J-10015D
S82J-10015E
S82J-10015F
100 to 240 VAC
24 V
4.5 A
S82J-10024D
---
---
100 or 200 VAC
(selected
automatically)
150 W
24 V
6.5 A
S82J-15024D
S82J-15024E
S82J-15024F
100 or 200 VAC
(selectable)
300 W
24 V
14 A
S82J-30024
---
---
S82J-30024N
---
---
600 W
27 A
S82J-60024
---
---
S82J-60024N
---
---


Similar Part No. - S82J-30012C

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
S8200 KODENSHI-S8200 Datasheet
186Kb / 10P
   Linear LED Driver IC
logo
Seiko Instruments Inc
S8200A SII-S8200A Datasheet
709Kb / 36P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Polyfet RF Devices
S8201 POLYFET-S8201 Datasheet
37Kb / 2P
   SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
Satco Products, Inc.
S8201 SATCO-S8201 Datasheet
124Kb / 1P
   9 watt; Mini Spiral Compact Fluorescent; 2700K; 82 CRI; GU24 base; 120 volts
logo
Harwin Plc
S8201-46R HARWIN-S8201-46R Datasheet
129Kb / 1P
   COIN CELL RETAINER (12mm) (TAPE REELED)
More results

Similar Description - S82J-30012C

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57153S0479M000 EPCOS-B57153S0479M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57364S0109M000 EPCOS-B57364S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57464S0109M000 EPCOS-B57464S0109M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57235S0509M000 EPCOS-B57235S0509M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259M000 EPCOS-B57236S0259M000 Datasheet
62Kb / 3P
   Switch-mode power supplies
B57236S0259L002 EPCOS-B57236S0259L002 Datasheet
64Kb / 3P
   Switch-mode power supplies
B57237S0109M000 EPCOS-B57237S0109M000 Datasheet
55Kb / 3P
   Switch-mode power supplies
B57238S0259M000 EPCOS-B57238S0259M000_1 Datasheet
62Kb / 3P
   Switch-mode power supplies
logo
Mean Well Enterprises C...
LAD-600 MEANWELL-LAD-600 Datasheet
1Mb / 12P
   600W Economical Security/Fire Alarm PSU with Battery Charger/UPS
2022-10-14
logo
Transko Electronics, In...
TF-8072-ND TRANSKO-TF-8072-ND Datasheet
314Kb / 3P
   Low-loss, compact, and economical SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com