Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F0603C0R37FWTR Datasheet(PDF) 4 Page - AVX Corporation

Part # F0603C0R37FWTR
Description  Accu-Guard SMD Thin-Film Fuse
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

F0603C0R37FWTR Datasheet(HTML) 4 Page - AVX Corporation

  F0603C0R37FWTR Datasheet HTML 1Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 2Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 3Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 4Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 5Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 6Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 7Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 8Page - AVX Corporation F0603C0R37FWTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
9
Accu-Guard® II
Lead-Free SMD Thin-Film Fuse
0.1
1
10
100
Current, Amp
Pre-
Arc
Time,
sec
10
-2
10
-1
10
-3
1
10
10
-6
10
-5
10
-4
2.0A
1.5A
1.0A
0.5A
0.25A
0.75A
FUSE TIME – CURRENT CHARACTERISTICS
FOR TYPE F0402E (TYPICAL)


Similar Part No. - F0603C0R37FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F0603C0R37FWTR AVX-F0603C0R37FWTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F0603C0R37FWTR AVX-F0603C0R37FWTR Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
More results

Similar Description - F0603C0R37FWTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
F1206A0R20FSTR AVX-F1206A0R20FSTR Datasheet
315Kb / 23P
   Accu-Guard, SMD Thin-Film Fuse
F1206B3R00FSTR AVX-F1206B3R00FSTR Datasheet
195Kb / 12P
   Accu-Guard SMD Thin-Film Fuse
F1206B0R25FSTR AVX-F1206B0R25FSTR Datasheet
266Kb / 17P
   Accu-Guard짰 II SMD Thin-Film Fuse
F1206A0R20FSTR AVX-F1206A0R20FSTR_11 Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402E0R25FSTR AVX-F0402E0R25FSTR_17 Datasheet
214Kb / 17P
   SMD Thin-Film Fuse
F1206A AVX-F1206A Datasheet
195Kb / 12P
   SMD Thin-Film Fuse
F0402G0R05FNTR AVX-F0402G0R05FNTR Datasheet
189Kb / 4P
   Accu-Guard II Low Current Miniature 0402 Size Thin-Film Fuses
06035J3R3BBTTR AVX-06035J3R3BBTTR Datasheet
458Kb / 20P
   Accu-F Accu-P Thin-Film RF/Microwave Capacitors
logo
List of Unclassifed Man...
CP04V3TR50 ETC-CP04V3TR50 Datasheet
1Mb / 17P
   Thin Film Chip Fuse
logo
Vishay Siliconix
MFUAT VISHAY-MFUAT Datasheet
120Kb / 8P
   Thin Film Chip Fuse
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com