Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFR16S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SFR16S
Description  Standard metal film resistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SFR16S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SFR16S Datasheet HTML 1Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 2Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 3Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 4Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 5Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 6Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 7Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 8Page - List of Unclassifed Manufacturers SFR16S Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2001 Jan 17
2
BCcomponents
Product specification
Standard metal film resistors
SFR16S/25/25H
5033E/5043E/5053H
FEATURES
• Low cost
• Low noise
• Small size (SFR16S).
APPLICATIONS
• General purpose resistors.
DESCRIPTION
A homogeneous film of metal alloy is
deposited on a high grade ceramic
body. After a helical groove has been
cut in the resistive layer, tinned
connecting leads of electrolytic copper
are welded to the end-caps.
The resistors are coated with a
coloured lacquer (light-blue for
type SFR16S; light-green for type
SFR25 and red-brown for type
SFR25H) which provides electrical,
mechanical and climatic protection.
The encapsulation is resistant to all
cleaning solvents, in accordance with
“MIL-STD-202E, method 215”, and
“IEC 60068-2045”.
QUICK REFERENCE DATA
DESCRIPTION
VALUE
SFR16S (5033E)
SFR25 (5043E)
SFR25H (5053H)
Resistance range
1
Ω to 3 MΩ
1
Ω to 10 MΩ and jumper (0 Ω)
Resistance tolerance
±1%; ±5%; E24/E96 series
Temperature coefficient:
R
< 4.7 Ω≤±250 × 10−6/K
≤±100 × 10−6/K
≤±100 × 10−6/K
4.7
Ω≤ R ≤ 100 kΩ≤±100 × 10−6/K
≤±100 × 10−6/K
≤±100 × 10−6/K
100 k
Ω< R ≤ 1MΩ≤±250 × 10−6/K
≤±100 × 10−6/K
≤±100 × 10−6/K
R
> 1MΩ≤±250 × 10−6/K
≤±250 × 10−6/K
≤±250 × 10−6/K
Absolute maximum dissipation
at Tamb =70 °C
0.5 W
0.4 W
0.5 W
Thermal resistance, Rth
170 K/W
200 K/W
150 K/W
Maximum permissible voltage
200 V
250 V
350 V
Noise:
R
< 68 kΩ
max. 0.1
µV/V
max. 0.1
µV/V
max. 0.1
µV/V
68 k
Ω≤ R ≤ 100 kΩ
max. 0.5
µV/V
max. 0.1
µV/V
max. 0.1
µV/V
100 k
Ω≤ R ≤ 1MΩ
max. 1.5
µV/V
max. 0.1
µV/V
max. 0.1
µV/V
R
> 1MΩ
max. 1.5
µV/V
max. 1.5
µV/V
max. 1.5
µV/V
Basic specifications
IEC 60115-1 and 60115-2
Climatic category (IEC 60068)
55/155/56
Stability,
∆R/R max., after:
load:
R
≤ 1MΩ±1% + 0.05 Ω±1% + 0.05 Ω±1% + 0.05 Ω
R
> 1MΩ±1% + 0.05 Ω±1% + 0.05 Ω±2% + 0.1 Ω
climatic tests:
R
≤ 1MΩ±1% + 0.05 Ω±1% + 0.05 Ω±1% + 0.05 Ω
R
> 1MΩ±1% + 0.05 Ω±1% + 0.05 Ω±2% + 0.1 Ω
soldering
±0.25% + 0.05 Ω±0.25% + 0.05 Ω±0.25% + 0.05 Ω
short time overload
±0.25% + 0.05 Ω±0.25% + 0.05 Ω±1% + 0.05 Ω


Similar Part No. - SFR16S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFR16S ETC-SFR16S Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
SFR16S VISHAY-SFR16S Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
More results

Similar Description - SFR16S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S Datasheet
484Kb / 9P
   Standard Metal Film Resistors
Revision: 08-Dec-05
logo
List of Unclassifed Man...
SFR165 ETC-SFR165 Datasheet
693Kb / 12P
   Standard metal film resistors
logo
Vishay Siliconix
SFR16S VISHAY-SFR16S_15 Datasheet
123Kb / 10P
   Standard Metal Film Leaded Resistors
Revision: 28-Oct-15
SFR25H0001001FR500 VISHAY-SFR25H0001001FR500 Datasheet
134Kb / 11P
   Standard Metal Film Leaded Resistors
Revision: 06-Aug-10
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com