Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PR03 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # PR03
Description  Power Metal Film Resistors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

PR03 Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button PR03 Datasheet HTML 2Page - Vishay Siliconix PR03 Datasheet HTML 3Page - Vishay Siliconix PR03 Datasheet HTML 4Page - Vishay Siliconix PR03 Datasheet HTML 5Page - Vishay Siliconix PR03 Datasheet HTML 6Page - Vishay Siliconix PR03 Datasheet HTML 7Page - Vishay Siliconix PR03 Datasheet HTML 8Page - Vishay Siliconix PR03 Datasheet HTML 9Page - Vishay Siliconix PR03 Datasheet HTML 10Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
www.vishay.com
For technical questions contact: ff3dresistors@vishay.com
Document Number: 28729
6
Revision: 24-Feb-04
PR01/02/03
Vishay BCcomponents
Power Metal Film Resistors
10 5
10 4
10 3
10 2
10 1
1
10
3
1
10
10 2
P max
(W)
t i (s)
10 6
10 1
2
5
10
20
50
100
200
500
p
i
t /t = 1000
PR02 Pulse on a regular basis; maximum permissible peak pulse power
as a function of pulse duration (ti).
P
max
()
1700
500
10 6
10 5
10 4
10 3
10 2
10 1
1
1300
1500
110
0
700
900
V max
(V)
t i (s)
PR02 Pulse on a regular basis; maximum permissible peak pulse voltage
as a function of pulse duration (ti).
V
max
()
Pulse Loading Capabilities
10 5
10 4
10 3
10 2
10 1
1
10
3
10
4
1
10
10 2
P max
(W)
t i (s)
10 6
2
5
10
20
50
100
200
500
p i
t /t = 1000
PR03 Pulse on a regular basis; maximum permissible peak pulse power
as a function of pulse duration (ti).
P
max
()


Similar Part No. - PR03

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PR03 VISHAY-PR03 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
PR03 VISHAY-PR03 Datasheet
220Kb / 20P
   Power Metal Film Leaded Resistors
01-Jan-2022
logo
International Rectifier
PR03000201802JAC00 IRF-PR03000201802JAC00 Datasheet
5Mb / 30P
   Drives 1 x 70W HID lamp
logo
Alpha Wire
PR0300113 ALPHAWIRE-PR0300113 Datasheet
131Kb / 2P
   Mini Male 7/8??Internal Thread
logo
Vicor Corporation
PR036A480T012FP VICOR-PR036A480T012FP Datasheet
686Kb / 13P
   PRM??Regulator
More results

Similar Description - PR03

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Riedon Powertron
PMF1 RIEDON-PMF1 Datasheet
291Kb / 1P
   Power Metal Film Resistors
logo
Welwyn Components Limit...
MF-S WELWYN-MF-S Datasheet
67Kb / 2P
   Power Metal Film Resistors
logo
IRC - a TT electronics ...
MFP16K8GR IRCTT-MFP16K8GR Datasheet
23Kb / 2P
   FLAMEPROOF POWER METAL FILM RESISTORS
logo
Vishay Siliconix
PR02000203000JR500 VISHAY-PR02000203000JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
28729 VISHAY-28729 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
PR01000104708JR500 VISHAY-PR01000104708JR500 Datasheet
221Kb / 16P
   Power Metal Film Leaded Resistors
Revision: 14-Oct-09
logo
List of Unclassifed Man...
MFP2-33RJI ETC2-MFP2-33RJI Datasheet
361Kb / 2P
   Flameproof Power Metal Film Resistors
logo
Vishay Siliconix
PR01 VISHAY-PR01_15 Datasheet
193Kb / 20P
   Power Metal Film Leaded Resistors
Revision: 10-Sep-15
logo
Welwyn Components Limit...
MO1S WELWYN-MO1S Datasheet
236Kb / 2P
   Power Metal Oxide Film Resistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com