Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMW05 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMW05
Description  Stand-up miniature power resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SMW05 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMW05 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMW05 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMW05 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMW05 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMW05 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMW05 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMW05 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2001 Mar 15
4
BCcomponents
Product specification
Stand-up miniature power resistors
SMW02/03/05
SMF02/03/05
FUNCTIONAL DESCRIPTION
Product characterization
Standard values of nominal resistance are taken from the
E24 series for resistors with a tolerance of
±5%.
The values of the E24 series are in accordance with
“IEC publication 60063”.
Limiting values
Note
1. The maximum voltage that may be continuously
applied to the resistor element, see
“IEC publication 60266”.
TYPE
LIMITING VOLTAGE(1)
(V)
LIMITING POWER
(W)
SMW02
2
SMF02
350
SMW03
3
SMF03
350
SMW05
5
SMF05
600
VP
n
R
×
=
VP
n
R
×
=
VP
n
R
×
=
The maximum permissible hot-spot temperature is 300
°C,
and the minimum breakdown voltage of the
encapsulation is 2000 V.
DERATING
The power that the resistor can dissipate depends on the
operating temperature; see Fig.1.
Fig.1
Maximum dissipation (Pmax) as a function of
the ambient temperature (Tamb).
MBG629
70
100
40
50
Tamb( C)
o
(%P
)
rated
0
0
50
100
200
150
Pmax
PULSE LOADING CAPABILITY
Detailed pulse loading information is available on request.
Application information
MOUNTING
The resistors must be mounted in such a way that no stress
is exerted on the leads and that thermal expansion is
possible over the temperature range. Ensure that the
temperature rise of the resistor body by conducted or
convected heat, does not affect nearby components or
materials. The temperature rise at the soldering point of the
leads must not reach the melting point of the solder. The
temperature rise at the soldering point as a function of
dissipated power is shown in Fig.2.
Fig.2
Solder spot temperature rise (
∆T) as a
function of dissipated power.
0
40
120
%Pnom
160
120
40
0
80
MBG543
80
∆T
(K)
5 W
3 W
2 W


Similar Part No. - SMW05

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
SMW DOMINANT-SMW Datasheet
610Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD DOMINANT-SMW-SLD Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-L1 DOMINANT-SMW-SLD-L1 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-L2 DOMINANT-SMW-SLD-L2 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
SMW-SLD-L2N1-1 DOMINANT-SMW-SLD-L2N1-1 Datasheet
612Kb / 12P
   SpiceLED InGaN White M-Spice
More results

Similar Description - SMW05

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
F1SQ-R100-JB RCD-F1SQ-R100-JB Datasheet
43Kb / 1P
   MINIATURE POWER FILM RESISTORS
logo
Riedon Powertron
UB5C-10RF1 RIEDON-UB5C-10RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-1RF1 RIEDON-UB15-1RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-0R1F1 RIEDON-UB3C-0R1F1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-15RF1 RIEDON-UB15-15RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB-1 RIEDON-UB-1_16 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB15-10KF1 RIEDON-UB15-10KF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-50RF1 RIEDON-UB3C-50RF1 Datasheet
158Kb / 2P
   Miniature Silicone Coated Power Resistors
UB3C-150RF1 RIEDON-UB3C-150RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
UB5C-120RF1 RIEDON-UB5C-120RF1 Datasheet
142Kb / 2P
   Miniature Silicone Coated Power Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com